Electronic Components Datasheet Search
  English  ▼

X  

C340 Datasheet(PDF) 56 Page - Coilcraft lnc.

Part # C340
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C340 Datasheet(HTML) 56 Page - Coilcraft lnc.

Back Button C340 Datasheet HTML 52Page - Coilcraft lnc. C340 Datasheet HTML 53Page - Coilcraft lnc. C340 Datasheet HTML 54Page - Coilcraft lnc. C340 Datasheet HTML 55Page - Coilcraft lnc. C340 Datasheet HTML 56Page - Coilcraft lnc. C340 Datasheet HTML 57Page - Coilcraft lnc. C340 Datasheet HTML 58Page - Coilcraft lnc. C340 Datasheet HTML 59Page - Coilcraft lnc. C340 Datasheet HTML 60Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
56
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
BU, BU9x
Common mode
peak impedance
Inductance
DCR
Isolation
I
rms
Part number
(kOhms)
min (mH)
(Ohms)
(Vrms)
(A)
BU9S-153R15BL
121.5 @ 4300 kHz
15.0
5.0
1000
0.15
BU9S-7020R3BL
59.81 @ 3700 kHz
7.0
2.5
1000
0.30
BU9HS-153R15BL
121.5 @ 4300 kHz
15.0
5.0
1000
0.15
BU9HS-7020R3BL
59.81 @ 3700 kHz
7.0
2.5
1000
0.30
BU9-103R25BL
123.5 @ 250 kHz
10.0
3.5
1000
0.25
BU9-2820R5BL
25.12 @ 660 kHz
2.8
1.0
1000
0.50
BU9-1320R7BL
17.48 @ 980 kHz
1.3
0.5
1000
0.70
BU9-6011R0BL
5.43 @ 2100 kHz
0.6
0.2
1000
1.00
BU9-2011R6BL
4.39 @ 2900 kHz
0.2
0.1
1000
1.60
BU9H-103R25BL
123.5 @ 250 kHz
10.0
3.5
1000
0.25
BU9H-2820R5BL
25.12 @ 660 kHz
2.8
1.0
1000
0.50
BU9H-1320R7BL
17.48 @ 980 kHz
1.3
0.5
1000
0.70
BU9H-6011R0BL
5.43 @ 2100 kHz
0.6
0.2
1000
1.00
BU9H-2011R6BL
4.39 @ 2900 kHz
0.2
0.1
1000
1.60
BUxx
Common mode
peak impedance
Inductance
DCR
Isolation
I
rms
Part number
(kOhms)
min (mH)
(Ohms)
(Vrms)
(A)
BU10-1811R2BL
5.13 @ 1100 MHz
0.18
0.20
1000
1.20
BU10-1311R6BL
3.60 @ 1200 MHz
0.13
0.12
1000
1.60
BU10-1012R2BL
1.88 @ 1500 MHz
0.10
0.08
1000
2.20
BU10-6003R0BL
1.15 @ 2100 MHz
0.06
0.04
1000
3.00
BU15-4530R4BL
398.7 @ 130 kHz
45.0
3.0
1000
0.40
BU15-1430R7BL
70.62 @ 260 kHz
14.0
1.0
1000
0.70
BU15-7521R0BL
43.05 @ 340 kHz
7.5
0.6
1000
1.00
BU15-4421R3BL
41.14 @ 510 kHz
4.4
0.3
1000
1.30
BU15-2721R6BL
32.22 @ 620 kHz
2.7
0.2
1000
1.60
BU16-4530R5BL
269.6 @ 130 kHz
45.0
2.3
1000
0.50
BU16-2530R7BL
208.3 @ 190 kHz
25.0
1.3
1000
0.70
BU16-1031R0BL
57.14 @ 310 kHzx
10.0
0.5
1000
1.00
BU16-4021R5BL
26.26 @ 470 kHz
4.0
0.3
1000
1.50
BU16-2022R0BL
14.41 @ 740 kHz
2.0
0.2
1000
2.00
Dimensions (inches mm)
Series
A max
B max
C
D max
E
F
G
BU9, BU9S
0.69 17,5
0.67 17,0
0.024 0,6
0.43 11,0
0.276 ±0.02 7,0 ±0,5
0.157 ±0.04 4,0 ±1,0
0.31 ±0.02 8,0 ±0,5
BU9H, BU9HS
0.69 17,5
0.49 12,5
0.024 0,6
0.61 15,5
0.276 ±0.02 7,0 ±0,5
0.157 ±0.04 4,0 ±1,0
0.31 ±0.02 8,0 ±0,5
BU10
0.75 19,0
0.89 22,5
0.028 0,7
0.67 17,0
0.394 ±0.02 10,0 ±0,5
0.177 ±0.04 4,5 ±1,0
0.51 ±0.02 13,0 ±0,5
BU15
0.91 23,0
1.08 27,5
0.028 0,7
0.75 19,0
0.40 ±0.02 10,0 ±0,5
0.177 ±0.04 4,5 ±1,0
0.51 ±0.02 13,0 ±0,5
BU16
0.91 23,0
1.08 27,5
0.028 0,7
0.75 19,0
0.394 ±0.02 10,0 ±0,5
0.177 ±0.04 4,5 ±1,0
0.51 ±0.02 13,0 ±0,5
A
A
B
B
E
EE
G
F
D
D
C
C
A
B
E
G
F
D
C
BU9, BU9S, BU10, BU15, BU16
BU9H, BU9HS
Through-Hole Power Line Common Mode EMI Chokes
Coilcraft’s low-cost through-hole
BU Series high efficiency choke coils are
designed to eliminate line conducted common mode noise across a broad range
of frequencies. The
BU9S and BU9HS are ideal for signal line applications; the
other BUs can be used in switching power supplies and power supply circuits.
For low profile applications, the
BU9 and BU9S filters are available in a horizontal
configuration that reduces their height to under half an inch (12.5 mm).
Dimensions (inches mm)
Series
A max
B max
C max
CE1755
0.512 13,0
0.512 13,0
0.215 5,46
CR7915
0.512 13,0
0.512 13,0
0.220 5,6
CF3094
0.512 13,0
0.512 13,0
0.215 5,46
CM6518
0.645 16,38
0.560 14,22
0.350 8,90
CJ5094
0.645 16,38
0.560 14,22
0.350 8,90
CV9172
0.645 16,38
0.560 14,22
0.350 8,90
CF2638L
0.770 19,56
0.670 17,02
0.390 9,91
CD1479
0.770 19,56
0.670 17,02
0.390 9,91
CH4659
0.770 19,56
0.670 17,02
0.390 9,91
CD1480
0.770 19,56
0.670 17,02
0.390 9,91
CE2439L
0.770 19,56
0.670 17,02
0.390 9,91
CG3333
0.770 19,56
0.670 17,02
0.390 9,91
CG3528
0.770 19,56
0.670 17,02
0.390 9,91
CE1759
1.02 26,0
1.22 31,0
0.512 13,0
CG3885
1.02 26,0
1.22 31,0
0.50 12,7
CF2805
1.02 26,0
1.22 31,0
0.50 12,7
SBU9
0.717 18,2
0.492 12,5
0.362 9,2
Surface Mount Power Line Common Mode EMI Chokes
Coilcraft’s low-cost, high-performance surface mount power line common mode
chokes come in a variety of sizes and packages. They are designed to eliminate
AC line conducted common mode noise across a broad range of frequencies,
with up to 1500 Vrms isolation. These common mode chokes can operate for a
wide range of current from 0.06 Amps to 15 Amps, providing attenuation where
line filtering is needed, such as in switch-mode power supplies.
SBU9
Common mode
peak impedance
Inductance
I
rms
DCR max
Isolation
Part number
(kOhms)
min (mH)
(A)
(Ohms)
(Vrms)
SBU9-103R25LD
94.40 @ 230 kHz
10
0.25
2.5
1500
SBU9-2820R5LD
26.31 @ 570 kHz
2.8
0.50
0.70
1500
SBU9-1320R7LD
12.68 @ 900 kHz
1.3
0.70
0.38
1500
SBU9-6011R0LD
6.66 @ 1300 kHz
0.6
1.00
0.20
1500
A
B
C
SBU9
CE1759,
CG3885,
CF2805
B
A
B
C
Power Line
Common mode
peak impedance
Inductance (mH)
I
rms
DCR max
Isolation
Part number
(kOhms)
nom
min
(A)
(mOhms)
(Vrms)
CE1755-AL
3.33 @ 5.8 MHz
0.88
0.57
1.2
130
1000
CR7915-AL
3.10 @ 4.9 MHz
1.12
0.73
2.6
49.5
1500
CF3094-AL
7.95 @ 2.8 MHz
1.17
0.76
1.1
200
1000
CM6518-AL
4.17 @ 1.9 MHz
1.40
0.91
2.5
60.0
1000
CJ5094-CL
28.28 @ 0.26 MHz
10.0
6.5
1.2
180
1000
CV9172-AL
70.01 @ 0.21 MHz
22.0
14.3
0.57
850
1000
CF2638L
2.59 @ 4.5 MHz
0.22
0.14
2.9
60.0
1000
CD1479-AL
4.19 @ 3 MHz
0.59
0.38
4.2
20.0
1000
CH4659-AL
4.56 @ 2.5 MHz
0.77
0.50
4.7
40.0
1000
CD1480-BL
4.53 @ 2.2 MHz
1.32
0.85
3.5
60.0
1000
CE2439L
9.42 @ 1.1 MHz
1.47
0.96
2.5
80.0
1000
CG3333-AL
2.27 @ 3.1 MHz
0.90
0.59
3.7
50.0
1000
CG3528-AL
6.57 @ 0.98 MHz
3.00
1.95
3.1
42.0
1000
CE1759-AL
5.65 @ 1.8 MHz
0.81
0.52
6.0
14.0
1000
CG3885-AL
3.11 @ 1.8 MHz
0.47
0.30
10.0
8.0
1000
CF2805-AL
3.64 @ 1.9 MHz
0.63
0.40
6.8
14.0
1000
CE1755,
CR7915,
CF3094
B
C
A
CM6518,
CJ5094,
CV9172,
CF2638L,
CD1479,
CH4659,
CD1480,
CE2439L,
CG3333,
CG3528
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com