Electronic Components Datasheet Search
  English  ▼

X  

ASETDV Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASETDV
Description  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASETDV Datasheet(HTML) 3 Page - Abracon Corporation

  ASETDV Datasheet HTML 1Page - Abracon Corporation ASETDV Datasheet HTML 2Page - Abracon Corporation ASETDV Datasheet HTML 3Page - Abracon Corporation ASETDV Datasheet HTML 4Page - Abracon Corporation ASETDV Datasheet HTML 5Page - Abracon Corporation ASETDV Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 06-19-23
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASETDV
3.2 x 2.5 x 1.2mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
ASETDV-
-
-
-3
-2
-1
0
1
2
3
-40
-20
0
20
40
60
80
100
Temperature (℃)
Frequency (PPM) vs. Operating Temperature Characteristics
[ Normalized @ 25℃]
16 MHz
24 MHz
25 MHz
33.333 MHz
48 MHz
Operating Temp.
E: -20°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
A: -40°C ~ +125°C
Packaging
Blank: Bulk
T: 1k pcs / reel
T3: 3k pcs / reel
Overall
Freq. Stability (**)
Y: ± 10 ppm*
J: ± 20 ppm*
R: ± 25 ppm
K: ± 30 ppm
(**) Contact Abracon for
availability, not available
at all operating temp.
ranges nor at all carrier
frequencies
(*) E, N, L, and X only
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 14.31818MHz
Part Identification
Typical Frequency vs. Operating Temperature Characteristics @ Vdd = 2.5V [Load=15 pF]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com