Electronic Components Datasheet Search
  English  ▼

X  

TDA4860 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4860
Description  Vertical deflection power amplifier for monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4860 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4860 Datasheet HTML 1Page - NXP Semiconductors TDA4860 Datasheet HTML 2Page - NXP Semiconductors TDA4860 Datasheet HTML 3Page - NXP Semiconductors TDA4860 Datasheet HTML 4Page - NXP Semiconductors TDA4860 Datasheet HTML 5Page - NXP Semiconductors TDA4860 Datasheet HTML 6Page - NXP Semiconductors TDA4860 Datasheet HTML 7Page - NXP Semiconductors TDA4860 Datasheet HTML 8Page - NXP Semiconductors TDA4860 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Oct 27
2
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4860
FEATURES
• Vertical pre-amplifier with differential inputs
• Powerless vertical shift
• Flyback voltage generation suitable for two operating
modes (doubling the supply voltage or external supply
for the short flyback time, this achieves a minimum of
power dissipation)
• Vertical output stage with thermal and SOAR protection
• High deflection frequency up to 160 Hz
• High linear sawtooth signal amplification
• Possibility of guarding the deflection
• Voltage stabilizer.
GENERAL DESCRIPTION
The TDA4860 is a vertical power amplifier for differential
input signals suitable for colour monitor/TV systems with
deflection frequencies up to 160 Hz.
QUICK REFERENCE DATA
Measurements referenced to substrate (pin 6).
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage (pin 1)
9
−
30
V
VP2
supply voltage (pin 4)
9
−
60
V
VP3
flyback supply voltage (pin 8)
9
−
60
V
IP1
supply current (pin 1)
−−
10
mA
IP2
supply quiescent current (pin 4)
−
9
−
mA
VI
input voltage (pins 2 and 3)
1.6
−
VP1 − 0.5 V
I5M
deflection output current (maximum value; pin 5)
−−±1A
Tamb
operating ambient temperature
−20
−
+75
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4860
SIL9MPF
plastic single in-line medium power package with fin; 9 leads
SOT110-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com