Electronic Components Datasheet Search
  English  ▼

X  

ABU Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABU
Description  COMMUNICATION CRYSTALS ULTRA MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABU Datasheet(HTML) 1 Page - Abracon Corporation

  ABU Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMMUNICATION CRYSTALS
ULTRA MINIATURE • UM-1 • UM-4 • UM-5
ABU, ABU4, ABU5
- I
(Insulator Tab)
- L (3rd Lead welded)
-L1 (3rd Lead Soldered)
- V (Vinyl Sleeving)
-M (SMT Formed Leads)
-MJ (Metal Jackets
and Formed Leads)
-QXX (Trimmed Leads)
ABUX - Frequency - CL - ESR - Temperature - Tolerance - Stability - Mode - Value Added - Packaging
XX.XXXX MHz
RXXX
(value in W)
-1 for ± 10ppm
-7 for ± 15ppm
-2 for ± 20ppm
-3 for ± 25ppm
-4 for ± 30ppm
-R3 for ± 3ppm
-R5 for ± 5ppm
-U for ± 10ppm
-G for ± 15ppm
-X for ± 20ppm
-W for ± 25ppm
-Y for ± 30ppm
-H for ± 35ppm
-Z for ± 50ppm
Load cap. in pF or
-S for Series
Blank or 4, 5
PART NUMBER
H MAX.
APPLICATIONS:
• Pagers, Hand-held phones, Cordless phones, Communication equipment.
Environmental & mechanical specifications, see appendix C. Group 1. Marking, see appendix G.
Recommended handling, see appendix F. Reflow profile, see appendix E.
Application notes, see appendix A. Value added, see appendix D.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
PARAMETERS
ABU (UM-1)
ABU4 (UM-4) & ABU5 (UM-5)
Frequency Range
6MHz - 200MHz
10MHz - 200MHz
Operation Mode
Operating Temperature
0°C to +70°C (See Options)
Storage Temperature
-40°C to +125°C
Frequency Tolerance @ 25°C
±50ppm max. (See Options)
Frequency Stability over Temp.
±50ppm max. (See Options)
Equivalent Series Resistance
(ESR)
Fundamental
3rd Overtone
5th Overtone
7th Overtone
Shunt Capacitance C0
7pF max.
Load Capacitance CL
18pF (See Options)
Drive Level
1mW max., 100µW correlation
Aging @ 25°C First Year
±3ppm max. (tighter aging available)
Insulation Resistance
500M W min. at 100Vdc ±15V
Dimensions: Inches (mm)
UM-1 (ABU)
0.315 (8.0)
UM-4 (ABU4) 0.185 (4.7)
UM-5 (ABU5) 0.236 (6.0)
6.00MHz < F < 25.00MHz (Fundamental)
25.0MHz < F < 72.0MHz (3rd overtone)
72.00MHz < F < 160.0MHz (5th overtone)
160.0MHz < F < 200.00MHz (7th overtone)
120 W max. for 6.0MHz < F < 7.0MHz
100 W max. for 7.0MHz < F < 8.0MHz
80 W max. for 8.0MHz < F < 10.0MHz
60 W max. for 10.0MHz < F < 11.0MHz
50 W max. for 11.0MHz < F < 12.0MHz
40 W max. for 12.0MHz < F < 14.0MHz
30 W max. for 14.0MHz < F < 25.0MHz
70 W max. for 25.0MHz < F < 72.0MHz
100 W max. for 72.0MHz < F < 160.0MHz
140 W max. for 160.0MHz < F <_ 200.0MHz
- T (Tape & Reel)
- P (Foam)
- TY (Tray Packing)
FEATURES:
• Compact size.
• High precision crystal.
• Hermetically sealed.
• Excellent frequency temperature characteristics across a wide temperature range.
ORDERING OPTIONS
7.8 x 3.1 x 8.0 mm
-A for -10°C to + 60°C
-B for -20°C to + 70°C
-C for -30°C to + 70°C
-N for -30°C to + 85°C
-D for -40°C to + 85°C
-F(for Fundamental AT > 25 MHz)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
32


Similar Part No. - ABU

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ABU1513 ASB-ABU1513 Datasheet
752Kb / 12P
5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
August 2017
ABU1519 ASB-ABU1519 Datasheet
756Kb / 12P
5 ~ 1400 MHz Wide-band CATV Linear Amplifier MMIC
August 2017
ABU2513 ASB-ABU2513 Datasheet
820Kb / 12P
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2516 ASB-ABU2516 Datasheet
798Kb / 12P
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
ABU2518 ASB-ABU2518 Datasheet
779Kb / 12P
5 ~ 1400 MHz CATV Push-pull Amplifier MMIC
September 2017
More results

Similar Description - ABU

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM1 VECTRON-VXM1 Datasheet
96Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM2 VECTRON-VXM2 Datasheet
65Kb / 2P
VXM2 Ultra Miniature SMD Crystals
VXM4 VECTRON-VXM4 Datasheet
98Kb / 2P
VXM4 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5 Datasheet
63Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
AEL Crystals Ltd
SXK AEL-SXK Datasheet
138Kb / 1P
Ultra-Miniature Ceramic SMD Crystals
logo
Vectron International, ...
VXM2 VECTRON-VXM2_07 Datasheet
102Kb / 2P
VXM2 Ultra Miniature SMD Crystals
VXM1 VECTRON-VXM1_07 Datasheet
99Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM4 VECTRON-VXM4_07 Datasheet
101Kb / 2P
VXM4 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5_07 Datasheet
104Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
Abracon Corporation
ABU ABRACON-ABU_15 Datasheet
1Mb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
09.01.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com