Electronic Components Datasheet Search
  English  ▼

X  

TDA4861 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4861
Description  Vertical deflection power amplifier for monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4861 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4861 Datasheet HTML 4Page - NXP Semiconductors TDA4861 Datasheet HTML 5Page - NXP Semiconductors TDA4861 Datasheet HTML 6Page - NXP Semiconductors TDA4861 Datasheet HTML 7Page - NXP Semiconductors TDA4861 Datasheet HTML 8Page - NXP Semiconductors TDA4861 Datasheet HTML 9Page - NXP Semiconductors TDA4861 Datasheet HTML 10Page - NXP Semiconductors TDA4861 Datasheet HTML 11Page - NXP Semiconductors TDA4861 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Jan 20
8
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4861
APPLICATION INFORMATION
Fig.4 GUARD circuit application on vertical output.
handbook, full pagewidth
MEH362
TDA4861
8
VP3
VP
5
2.2
Ω
3.3 k
Ω
220 k
Ω
>1 kΩ
22
µF
BC548
GUARD output
HIGH = error
2N5819
BAX13
vertical
output
signal
Fig.5 Application for flyback voltage generation by doubling the supply voltage.
handbook, full pagewidth
MEH359
yoke
470
µF
0.1
µF
5.25 mH
C2 100
µF
470
µF
1 M
Ω
150 k
Ω
270
Ω
10 k
Ω
1.8 k
Ω
BAX13
−7.8 V
R1
1
Ω
1.8 k
Ω
5.6
Ω
R2 240
Ω
VP2
VP3
8
7
6
5
4
3
2
1
9
PCO
RPCO
VN
VP1
V-OUT
SUB
FLB
DIFFERENTIAL
INPUT
AMPLIFIER
VOLTAGE
STABILIZER
VERTICAL
DRIVER
from TDA4850
V-shift
+9 V
VERTICAL
OUTPUT
TDA4861
THERMAL AND
SOAR
PROTECTION
FLYBACK
GENERATOR
FLYBACK
DRIVER
PULSE
CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com