Electronic Components Datasheet Search
  English  ▼

X  

ACBA Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACBA
Description  SURFACE-MOUNT CHIP BEAD ARRAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACBA Datasheet(HTML) 1 Page - Abracon Corporation

  ACBA Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT CHIP BEAD ARRAY
SURFACE-MOUNT CHIP BEAD ARRAY
SURFACE-MOUNT CHIP BEAD ARRAY
ACBA SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
• Operating Temperature: -40°C to +125°C
Note: All specifications subject to change without notice.
Part
Z (
Ω)
Freq
RDC
IRATE
Number
±25%
MHz
Ω Max
Max mA
1206 Series
ACBA-1206-30
30
100
0.20
500
ACBA-1206-60
60
100
0.25
400
ACBA-1206-120
120
100
0.30
350
ACBA-1206-150
150
100
0.35
250
ACBA-1206-220
220
100
0.35
250
ACBA-1206-300
300
100
0.40
250
ACBA-1206-470
470
100
0.50
200
ACBA-1206-600
600
100
0.50
200
ACBA-1206-1000
1000
100
0.75
150
Length (L)
0.126±0.008
Termination (D1)
0.016±0.006
(3,20±0,20)
(0,40±0,15)
Width (W)
0.063±0.008
Termination (D2)
0.008±0.004
(1,60±0,20)
(0,20±0,10)
Thickness (T)
0.035±0.008
Distance (D3)
0.031±0.004
(0,90±0,20)
(0,80±0,10)
OPTIONS:
• Tape & Reel is standard
APPLICATIONS:
• Wireless application
• Networking System
FEATURES:
Array construction
• Avoid crosstalk


Similar Part No. - ACBA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-0805-121 ABRACON-ACBA-0805-121 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-0805-670 ABRACON-ACBA-0805-670 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-0805-900 ABRACON-ACBA-0805-900 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
MULTILAYER CHIP BEAD ARRAY
08.07.07
More results

Similar Description - ACBA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSB ABRACON-ACSB Datasheet
95Kb / 1P
SURFACE-MOUNT CHIP BEAD
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206 Datasheet
118Kb / 3P
Chip Array Ferrite Bead
16-Jan-06
logo
KOA Speer Electronics, ...
FBA1J4AL KOA-FBA1J4AL Datasheet
111Kb / 8P
Multilayer Ferrite Chip Bead Array
logo
Panasonic Semiconductor
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
Chip Bead Array
EXC-28BB221U PANASONIC-EXC-28BB221U Datasheet
104Kb / 4P
Chip Bead Array
logo
Bourns Electronic Solut...
MA3216_MDS BOURNS-MA3216_MDS Datasheet
65Kb / 1P
Chip Bead Array
logo
Taiyo Yuden (U.S.A.), I...
BK20104L680-T TAIYO-YUDEN-BK20104L680-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
BK32164S121-T TAIYO-YUDEN-BK32164S121-T Datasheet
140Kb / 1P
Multilayer Chip Bead Array Inductors (BK array series)
logo
Abracon Corporation
ACBA-0805 ABRACON-ACBA-0805 Datasheet
1Mb / 3P
Multilayer Chip Bead Array
09.26.12
ACBA-1206 ABRACON-ACBA-1206 Datasheet
266Kb / 2P
MULTILAYER CHIP BEAD ARRAY
08.07.07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com