Electronic Components Datasheet Search
  English  ▼

X  

BH71471F Datasheet(PDF) 2 Page - Bi technologies

Part # BH71471F
Description  High Profile SIP Thick Film Conformal Coated Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BH71471F Datasheet(HTML) 2 Page - Bi technologies

  BH71471F Datasheet HTML 1Page - Bi technologies BH71471F Datasheet HTML 2Page - Bi technologies BH71471F Datasheet HTML 3Page - Bi technologies BH71471F Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No. of Leads
.100
± .005
2.54
± 0.13
Pitch. Non-
Accumulative
.020
± .004
0.51
± 0.10
.012
± .003
0.31
± 0.08
Centered
on Package
.140
± .020
3.56
± 0.51
.320
8.13
“L” Max.
Max.
.095
2.41
Max.
1.40
35.56
14
1.30
33.02
13
1.20
30.48
12
1.10
27.94
11
1.00
25.40
10
.90
22.86
9
.80
20.32
8
.70
17.78
7
.60
15.24
6
.50
12.70
5
.40
10.16
“L”
Max.
4
# of Leads
4-18
Model BH Series
MECHANICAL
Lead Material
Copper Alloy, 90/10 Tin-Lead Plating
Substrate Material
Alumina
Resistor Material
Cermet
Body Material
Conformal Epoxy Resin
12
3
4
n
–3 Circuit
Isolated Resistors
–5 Circuit
Dual Terminator
12
3
4
n
12
3
4
n
–1 Circuit
Bussed Resistors
R1
R2
SCHEMATICS
OUTLINE DIMENSIONS (Inch/mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com