Electronic Components Datasheet Search
  English  ▼

X  

6341 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6341
Description  22 (7/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6341 Datasheet(HTML) 1 Page - Alpha Wire

  6341 Datasheet HTML 1Page - Alpha Wire 6341 Datasheet HTML 2Page - Alpha Wire 6341 Datasheet HTML 3Page - Alpha Wire 6341 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 6341
Construction
Diameter ("in")
1) Component 1
5 x 1 COND
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi-Rigid
0.050
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
RED
5
BROWN
2
WHITE
4
GREEN
2) Cable Assembly
5 Components Cabled
a) Twists
6.0 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
3) Shield
Alum/Mylar Tape, 25% Overlap (min.)
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG Tinned Copper
c) Braid
Tinned Copper,65% Coverage, Nom.
4) Jacket
0.032" Wall, Nom. PVC
0.226 (0.238 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6341 5C 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464
OR C(UL) 60C TYPE CMG FT4 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications


Similar Part No. - 6341

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6341 POMONA-6341 Datasheet
147Kb / 2P
Replaceable Tip Precision Electronic Probe
logo
Crydom Inc.,
6341 CRYDOM-6341 Datasheet
162Kb / 2P
DC Output Buffered Modules
logo
TE Connectivity Ltd
63410-1 TEC-63410-1 Datasheet
7Mb / 102P
MAGNET WIRE TERMINALS AND TERMINATION SYSTEMS
logo
Wurth Elektronik GmbH &...
634104149621 WURTH-634104149621 Datasheet
497Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 4P4C TOP ENTRY
634106149621 WURTH-634106149621 Datasheet
501Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 6P6C TOP ENTRY
More results

Similar Description - 6341

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com