Electronic Components Datasheet Search
  English  ▼

X  

6433 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6433
Description  18 (19/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6433 Datasheet(HTML) 1 Page - Alpha Wire

  6433 Datasheet HTML 1Page - Alpha Wire 6433 Datasheet HTML 2Page - Alpha Wire 6433 Datasheet HTML 3Page - Alpha Wire 6433 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 6433
Construction
Diameter ("in")
1) Component 1
15 x 1 PAIR
a) Conductor
18 (19/30) AWG Tinned Copper
0.050
b) Insulation
0.016" Wall, Nom. PVC
0.082
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING &
INVERTED
(2) Color Code
Alpha Wire Color Code BR
Pair Color
Pair Color
Pair Color
1
BLACK #1-
RED #1
6
BLACK #6-
RED #6
11
BLACK #11-
RED #11
2
BLACK #2-
RED #2
7
BLACK #7-
RED #7
12
BLACK #12-
RED #12
3
BLACK #3-
RED #3
8
BLACK #8-
RED #8
13
BLACK #13-
RED #13
4
BLACK #4-
RED #4
9
BLACK #9-
RED #9
14
BLACK #14-
RED #14
5
BLACK #5-
RED #5
10
BLACK #10-
RED #10
15
BLACK #15-
RED #15
c) Pair
2/Cond Cabled Together
(1) Twists
5.3 Twists/foot (approx.)
2) Cable Assembly
15 Components Cabled
a) Twists
1.3 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER -o-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Shield
Alum/Mylar Tape, 25% Overlap (min.)
a) Foil Direction
Foil Facing In
b) Drain Wire
20 (7/28) AWG Tinned Copper
4) Jacket
0.063" Wall, Nom. PVC
0.751 (0.780 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6433 15PR 18 AWG
SHIELDED 105C (UL) TYPE PLTC SUN RES OR
TYPE CM OR C(UL) 60C TYPE CMG FT4 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.


Similar Part No. - 6433

ManufacturerPart #DatasheetDescription
logo
WERMA Signaltechnik Gmb...
64330054 WERMA-64330054 Datasheet
68Kb / 1P
Flashing light element
23.02.2010
64330055 WERMA-64330055 Datasheet
68Kb / 1P
Flashing light element
23.02.2010
64330067 WERMA-64330067 Datasheet
68Kb / 1P
Flashing light element
23.02.2010
64330068 WERMA-64330068 Datasheet
68Kb / 1P
Flashing light element
23.02.2010
logo
Molex Electronics Ltd.
643341000 MOLEX-643341000 Datasheet
653Kb / 3P
32CKT RA S CMC HEADER
Rev. A6
More results

Similar Description - 6433

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
9918 ETC2-9918 Datasheet
100Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com