Electronic Components Datasheet Search
  English  ▼

X  

7663 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7663
Description  20 (7/28) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7663 Datasheet(HTML) 1 Page - Alpha Wire

  7663 Datasheet HTML 1Page - Alpha Wire 7663 Datasheet HTML 2Page - Alpha Wire 7663 Datasheet HTML 3Page - Alpha Wire 7663 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 7663
Construction
Diameter ("in")
1) Component 1
3 x 1 COND
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.010" Wall, Nom. PVC, Irradiated
0.058
(1) Color Code
Alpha Wire Color Code G
Cond
Color
Cond
Color
Cond
Color
1
WHITE
2
BLACK
3
RED
2) Cable Assembly
3 Components Cabled
a) Twists
6.9 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Shield
Tinned Copper BRAID Shield,90% Coverage (min.)
4) Jacket
0.025" Wall, Nom. PVC
0.200 (0.210 max.)
a) Color(s)
WHITE
b) Print
ALPHA WIRE-* P/N 7663
CE ROHS
* = Factory Code
Applicable Specifications
1) Military
MIL-W-16878/Type B
105°C / 600 VRMS
2) CE
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 7663

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7663 SONARDYNE-7663 Datasheet
132Kb / 2P
Lightweight Command Unit
logo
Keystone Electronics Co...
7663 KEYSTONE-7663 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Fairchild Semiconductor
76633S FAIRCHILD-76633S Datasheet
218Kb / 10P
38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
CommScope Inc.
7663468-00 COMMSCOPE-7663468-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
7663610-00 COMMSCOPE-7663610-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
More results

Similar Description - 7663

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com