Electronic Components Datasheet Search
  English  ▼

X  

7672 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7672
Description  18 (7/26) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7672 Datasheet(HTML) 1 Page - Alpha Wire

  7672 Datasheet HTML 1Page - Alpha Wire 7672 Datasheet HTML 2Page - Alpha Wire 7672 Datasheet HTML 3Page - Alpha Wire 7672 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 7672
Construction
Diameter ("in")
1) Component 1
2 x 1 COND
a) Conductor
18 (7/26) AWG Tinned Copper
0.048
b) Insulation
0.010" Wall, Nom. PVC, Irradiated
0.068
(1) Color Code
Alpha Wire Color Code G
Cond
Color
Cond
Color
Cond
Color
1
WHITE
2
BLACK
2) Cable Assembly
2 Components Cabled
a) Twists
6.0 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Shield
Tinned Copper BRAID Shield,90% Coverage (min.)
4) Jacket
0.025" Wall, Nom. PVC
0.211 (0.221 max.)
a) Color(s)
WHITE
b) Print
ALPHA WIRE-* P/N 7672
CE ROHS
* = Factory Code
Applicable Specifications
1) Military
MIL-W-16878/Type B
105°C / 600 VRMS
2) CE
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 7672

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
12-Bit A/D Converter
logo
Keystone Electronics Co...
7672 KEYSTONE-7672 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Maxwell Technologies
7672RPDB-05 MAXWELL-7672RPDB-05 Datasheet
247Kb / 11P
12-Bit A/D Converter
7672RPDE-05 MAXWELL-7672RPDE-05 Datasheet
247Kb / 11P
12-Bit A/D Converter
7672RPDI-05 MAXWELL-7672RPDI-05 Datasheet
247Kb / 11P
12-Bit A/D Converter
More results

Similar Description - 7672

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082186007 MOLEX3-0082186007 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 7 Circuits
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com