Electronic Components Datasheet Search
  English  ▼

X  

HF7FD Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF7FD
Description  SUBMINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF7FD Datasheet(HTML) 1 Page - Hongfa Technology

  HF7FD Datasheet HTML 1Page - Hongfa Technology HF7FD Datasheet HTML 2Page - Hongfa Technology HF7FD Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Gbe^ Nh4@F79:;7=
Biikhq4 9<6fW
DhgmZ\m fZm^kbZe
DhgmZ\m k^lblmZg\^
B`SgO82 B`D]O
Eb^e^\mkb\
lmk^g`ma
Sah\d k^lblmZg\^
IONHGB RFLBY
Dhbe ihp^k
/DANOLDM
Gbe^ Nh4@ :666>9=:
:666VB 5 8>6W
8;66VB 5 7?<W
PeZlmb\ l^Ze^]2
Genq ikhh_^]
C^mp^^g \hbe . \hgmZ\ml
DhgmZ\m kZmbg`
/R^l4 ehZ]0
T 78B lpbm\abg` \ZiZ[bebmr
T Bf[b^gm m^fi^kZmnk^ f^^ml 76;
T Ib`a i^k_hkfZg\^2 Lhp ikh_be^
T Pkh]n\m bg Z\\hk]Zg\^ mh JFD <699;37 ZoZbeZ[e^
T 8dV ]b^e^\mkb\ lmk^g`ma /[^mp^^g \hbe Zg] \hgmZ\ml0
T UL?:2 V362 DTJ8;6 _eZffZ[bebmr \eZll
T Ehn[e^ ibgl mri^ ZoZbeZ[e^
T 7 Ghkf B Zg] 7 Ghkf D \hg_b`nkZmbhgl
T UL bglneZmbhg lrlm^f@ DeZll G ZoZbeZ[e^
T Fgobkhgf^gmZe _kb^g]er ikh]n\m /RhIS \hfiebZgm0
T Onmebg^ Ebf^glbhgl@ /8846 q 7<46 q 7<4:0 ff
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
867; R^o4 7466
7<B 8;6VBD
78B 8;6VBD
76B 8;6VBD
78B 78;VBD
NO@ 76B 8;6VBD
ND@ =B 8;6VBD
788
7<B
7 Ghkf B
7 Ghkf D
7 Ghkf B
7 Ghkf D
78B 8;6VBD /Zm >; 2
B`SgO82 Ehn[e^ ibg0
76B 8==VBD
76B 8>VED
IG=GE
7<B 8;6VBD /Zm :6 0
76B 8;6VBD /Zm 76; 0
>B 8;6VBD /Zm 76; 0
758IP 78;VBD /Zm :6 0
758IP 8;6VBD /Zm :6 0
IG=GE3T
/B`SgO80
78B 78;VBD
=B 8==VBD
=B 8>VED
78B 8;6VBD /B`SgO82 Ehn[e^ ibg0
76B 8;6VBD
=B 8;6VBD
Gbe^ Nh4@DQD6?66869=?87
Fe^\mkb\Ze ^g]nkZg\^
/S^^ ZiikhoZe k^ihkml _hk
fhk^ ]^mZbel0
8;6VBD 5 8>VED
76B
MZq4 lpbm\abg` ohemZ`^
MZq4 lpbm\abg` \nkk^gm
M^\aZgb\Ze ^g]nkZg\^
MZq4 lpbm\abg` ihp^k
7B
7D
1/}/-
JglneZmbhg k^lblmZg\^
C^mp^^g hi^g \hgmZ\ml
Oi^kZm^ mbf^ /Zm ghfb4 ohem40
R^e^Zl^ mbf^ /Zm ghfb4 ohem40
Infb]bmr
Gng\mbhgZe
E^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
T^kfbgZmbhg
Ugbm p^b`am
766M /Zm ;66VED0
8666VBD 7fbg
=;6VBD 7fbg
76fl fZq4
;fl fZq4
;- mh >;- RI
?>f5l8
?>6f5l8
7B
7D
766f fZq4/Zm 7B 8:VED0
DhgmZ\m ZkkZg`^f^gm
,65:*,: -*:*
,1*8*,:.829:2,9
,623
NhfbgZe
VhemZ`^
VED
Dhbe
R^lblmZg\^
Pb\d3ni
VhemZ`^
VED
fZq4
Ekhi3hnm
VhemZ`^
VED
fbg4
MZq4
VhemZ`^
VED 1
,623 -*:*
;
<
?
78
7>
8:
:>
=6q/7 76-0
766q/7 76-0
88;q/7 76-0
:66q/7 76-0
?66q/7 76-0
7<66 q /7 7;-0
<:66 q /7 7;-0
94=;
:4;6
<4=;
?466
794;
7>46
9<46
64;
64<
64?
748
74>
84:
:4>
<4;
=4>
774=
7;4<
894:
9748
<84:
9
8;q/7 76-0
848;
649
94?
Dhglmkn\mbhg
Zm 89
9*/.:? *7786<*3 8*:2509
;3{,;3
<-.
9;+4252*:;8. 1201 76=.8 8.3*?
76Is mh ;;Is 74;ff EB
PDC
Biikhq4 ?4;`
5JNDM~ 70 Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l4
80 Pe^Zl^ _bg] \hbe m^fi^kZmnk^ \nko^ bg ma^ \aZkZ\m^kblmb\ \nko^l [^ehp4
90 UL bglneZmbhg lrlm^f@ DeZll G2 DeZll C4
<
-.
5JNDM~ 70 Bee oZen^l ngli^\b_b^] Zk^ Zm khhf m^fi^kZmnk^4
80 Oger mrib\Ze ehZ]l Zk^ eblm^] Z[ho^4 Oma^k ehZ] li^\b_b\Zmbhgl
\Zg [^ ZoZbeZ[e^ nihg k^jn^lm4
5JNDM~
1MZqbfnf ohemZ`^ k^_^kl mh ma^ fZqbfnf ohemZ`^ pab\a k^eZr
\hbe \hne] ^g]nk^ bg Z lahkm i^kbh] h_ mbf^4
7q76=OPS
IG=GE@ 3:6 mh >;
IG=GE3T@ 3:6 mh 76;
Bf[b^gm m^fi^kZmnk^
Genq ikhh_^]@7q76;OPS
PeZlmb\ l^Ze^]@;q76:OPS
/
76B 8==VBD2 R^lblmbo^ ehZ]2
Rhhf m^fi2 7l hg ?l h__0
Genq ikhh_^]@;q76:OPS
PeZlmb\ l^Ze^]@ NO@;q76:OPS
ND@ 7q 76:OPS
/
=B 8==VBD2 R^lblmbo^ ehZ]2
Rhhf m^fi2 7l hg ?l h__0


Similar Part No. - HF7FD

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF7FD HONGFA-HF7FD Datasheet
59Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF7FD-T012-1HPSTGF HONGFA-HF7FD-T012-1HPSTGF Datasheet
59Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF7FD-T012-1ZPSTGF HONGFA-HF7FD-T012-1ZPSTGF Datasheet
59Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF7FD012-1HPSTGF HONGFA-HF7FD012-1HPSTGF Datasheet
59Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF7FD012-1ZPSTGF HONGFA-HF7FD012-1ZPSTGF Datasheet
59Kb / 3P
SUBMINIATURE HIGH POWER RELAY
More results

Similar Description - HF7FD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF3FD ETC2-HF3FD Datasheet
68Kb / 2P
SUBMINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF3FF HONGFA-HF3FF Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF12FF HONGFA-HF12FF Datasheet
53Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF32F HONGFA-HF32F Datasheet
70Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FD HONGFA-HF3FD Datasheet
60Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
SUBMINIATURE HIGH POWER RELAY
HF21FF HONGFA-HF21FF Datasheet
54Kb / 3P
SUBMINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com