Electronic Components Datasheet Search
  English  ▼

X  

ACSB Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACSB
Description  SURFACE-MOUNT CHIP BEAD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACSB Datasheet(HTML) 1 Page - Abracon Corporation

  ACSB Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT CHIP BEAD
SURFACE-MOUNT CHIP BEAD
SURFACE-MOUNT CHIP BEAD
ACSB SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
Part
RDC
Number
25MHz
100MHz
mΩ Max
AB
C
D
±0.006/(0,15)
±0.004/(0,10)
±0.004/(0,10)
±0.008/(0,20)
ACSB-01
20
30
0.50
0.118/(3,00)
0.099/(2,50)
0.079/(2,00)
0.045/(1,15)
ACSB-02
60
90
0.90
0.335/(8,50)
0.120/(3,10)
0.102/(2,60)
0.079/(2,00)
ACSB-02B
60
60
0.90
0.335/(8,50)
0.120/(3,10)
0.102/(2,60)
0.079/(2,00)
ACSB-03
30
47
0.60
0.158/(4,00)
0.120/(3,10)
0.102/(2,60)
0.053/(1,35)
ACSB-03B
30
30
0.60
0.158/(4,00)
0.120/(3,10)
0.102/(2,60)
0.053/(1,35)
ACSB-04
23
47
0.80
0.197/(5,00)
0.177/(4,50)
0.118/(3,00)
0.051/(1,30)
ACSB-05
23
35*
0.80
0.177/(4,50)
0.221/(5,60)
0.118/(3,00)
0.051/(1,30)
Z (
Ω) ±25%
Dimensions: inch/(mm)
• * Minimum impedance
• Operating Temperature: -40°C to +125°C
ACSB - 01, 02, 02B, 03, 03B
ACSB-04
ACSB-05
C
A
D
B
OPTIONS:
• Tape & Reel is standard
APPLICATIONS:
• Digital Communication
• Networking System
FEATURES:
• Rugged Construction
• Avoid crosstalk


Similar Part No. - ACSB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads Array
09.20.13
ACSB-05-T ABRACON-ACSB-05-T Datasheet
1Mb / 2P
RoHS Compliant and lead free
09.29.13
More results

Similar Description - ACSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4221-1 ETC1-4221-1 Datasheet
29Kb / 1P
Surface Mount Filter Bead
logo
Abracon Corporation
ACBA ABRACON-ACBA Datasheet
77Kb / 1P
SURFACE-MOUNT CHIP BEAD ARRAY
logo
Superworld Electronics
Z403025-10 SUPERWORLD-Z403025-10 Datasheet
161Kb / 3P
SINGLE LINE SURFACE MOUNT FERRITE BEAD
Z853025-10 SUPERWORLD-Z853025-10 Datasheet
160Kb / 3P
SINGLE LINE SURFACE MOUNT FERRITE BEAD
Z853025-10 SUPERWORLD-Z853025-10_10 Datasheet
162Kb / 3P
SINGLE LINE SURFACE MOUNT FERRITE BEAD
logo
API Delevan
4221R-1 API-4221R-1 Datasheet
1Mb / 1P
Surface Mount Filter Bead
4222R API-4222R Datasheet
1Mb / 1P
Surface Mount Common Mode Bead
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
Surface Mount Ferrite Bead
logo
TT Electronics.
HM69D TTELEC-HM69D Datasheet
896Kb / 4P
Surface Mount Power Bead Coupled Inductors
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com