Electronic Components Datasheet Search
  English  ▼

X  

6HR Datasheet(PDF) 2 Page - Pedrollo S.p.A

Part # 6HR
Description  Microcast stainless steel 6" submersible pumps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEDROLLO [Pedrollo S.p.A]
Direct Link  https://www.pedrollo.com/en/
Logo PEDROLLO - Pedrollo S.p.A

6HR Datasheet(HTML) 2 Page - Pedrollo S.p.A

  6HR Datasheet HTML 1Page - Pedrollo S.p.A 6HR Datasheet HTML 2Page - Pedrollo S.p.A 6HR Datasheet HTML 3Page - Pedrollo S.p.A 6HR Datasheet HTML 4Page - Pedrollo S.p.A  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
350
400
0
250
500
750
1000
1250
0
10
20
30
40
50
0
50
100
150
200
0
50
100
150
feet
US g.p.m.
Imp g.p.m.
l/min
m³/h
6HR 34/3
6HR 34/4
6HR 34/5
6HR 34/7
6HR 34/6
6HR 34/8
6HR 34/9
6HR 34/11
6HR 34/13
6HR 34/16
6HR 34/19
6HR 34/22
6HR 34/27
η = 75%
67
0
100 200 300 400 500 600 700 800 900 1000
0
50
100
150
200
250
300
350
US g.p.m.
Imp g.p.m.
0
250
500
750
1000
0
10
20
30
40
50
60
0
50
100
150
200
250
0
50
100
150
200
feet
l/min
m³/h
feet
η = 78%
68
6HR 44/3
6HR 44/4
6HR 44/5
6HR 44/6
6HR 44/7
6HR 44/9
6HR 44/10
6HR 44/12
6HR 44/15
6HR
44/18
6HR
44/20
6HR
44/25
Q 4
Q 4
6HR 34
6HR 44
6HR 34
6HR 44
MEI≥ 0.40
MEI≥ 0.40
TYPE
POWER (P2)
Q
m³/h
0
6
12
18
24
30
36
42
48
Three-phase
kW
HP
l/min
0
100
200
300
400
500
600
700
800
6HR 34/3
4
5.5
H metres
41.5
40
38.5
37
35
32.5
29.5
25
19
6HR 34/4
5.5
7.5
55.5
53
51
49
46.5
43.5
39
33.5
25.5
6HR 34/5
7.5
10
69.5
66.5
64
61.5
58.5
54.5
49
41.5
32
6HR 34/6
9.2
12.5
83
80
77
74
70
65
59
50
38
6HR 34/7
11
15
97
93
90
86
82
76
69
58
45
6HR 34/8
11
15
111
106
102
98
93
87
78
67
51
6HR 34/9
13
17.5
125
120
115
111
105
98
88
75
58
6HR 34/11
15
20
153
146
141
135
128
120
108
92
70
6HR 34/13
18.5
25
181
173
166
160
152
141
127
108
83
6HR 34/16
22
30
222
213
205
197
187
174
157
133
102
6HR 34/19 (1)
26
35
264
253
243
233
222
207
186
158
122
6HR 34/22
30
40
306
293
281
270
257
239
216
183
141
6HR 34/27
37
50
375
359
345
332
315
294
265
225
173
Q = Flow rate H = Total manometric head
Performance curves comply with EN ISO 9906 Grade 3B tolerance limits.
(1) For pumps equipped with 6PD motor: 40 HP motor
TYPE
POWER (P2)
Q
m³/h
0
12
18
24
30
36
42
48
54
60
Three-phase
kW
HP
l/min
0
200
300
400
500
600
700
800
900
1000
6HR 44/3
5.5
7.5
H metres
41
38
36
34
32
30
27
24
21
17
6HR 44/4
7.5
10
55
51
48.5
46
43
40
36.5
32.5
28
23
6HR 44/5
7.5
10
68.5
63.5
60.5
57.5
54
50
45.5
40.5
35
29
6HR 44/6
9.2
12.5
82
76
72.5
69
64.5
60
54.5
48.5
42
35
6HR 44/7
11
15
96
89
85
80.5
75.5
70
63.5
56.5
49
40.5
6HR 44/9
13
17.5
123.5
114.5
109
103.5
97
89.5
81.5
73
63
52
6HR 44/10
15
20
137
127
121
115
107.5
99.5
91
81
70
58
6HR 44/12
18.5
25
164
152
145
138
129
120
109
97
84
70
6HR 44/15
22
30
206
191
182
172
161
149
136
121
105
87
6HR 44/18 (1)
26
35
247
229
218
207
194
179
163
146
126
104
6HR 44/20
30
40
274
254
242
230
215
199
182
162
140
116
6HR 44/25
37
50
343
318
303
287
269
249
227
202
175
145
PERFORMANCE RANGE
50 Hz
6HR | 50 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com