Electronic Components Datasheet Search
  English  ▼

X  

IGC033S101 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IGC033S101
Description  CoolGaNTM Transistor 100 V G3
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGC033S101 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IGC033S101 Datasheet HTML 1Page - Infineon Technologies AG IGC033S101 Datasheet HTML 2Page - Infineon Technologies AG IGC033S101 Datasheet HTML 3Page - Infineon Technologies AG IGC033S101 Datasheet HTML 4Page - Infineon Technologies AG IGC033S101 Datasheet HTML 5Page - Infineon Technologies AG IGC033S101 Datasheet HTML 6Page - Infineon Technologies AG IGC033S101 Datasheet HTML 7Page - Infineon Technologies AG IGC033S101 Datasheet HTML 8Page - Infineon Technologies AG IGC033S101 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
CoolGaNTM
Transistor 100 V G3
IGC033S101
Rev.
0.9,2024-05-20
Preliminary Data Sheet
3Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table4Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate threshold voltage
1)
VGS(th)
1.2
2.0
2.9
V
VDS=VGS,ID=
8 mA,measuredwithin
10msafterapre-biasatVGS=5V,
VDS=0Vforatleast5ms
Drain-source leakage current
IDSS
-
-
0.2
20
20
250
µA
VDS=100V,VGS=0V,Tj=25°C
VDS=100V,VGS=0V,Tj=125°C
Gate-source leakage current
IGSS
-
-
-
-
23
0.01
130
15
550
1.1
2200
100
µA
VGS=5V,Tj=25°C
VGS=-4V,Tj=25°C
VGS=5V,Tj=125°C
VGS=-4V,Tj=125°C
Drain-source on-state resistance
2)
RDS(on)
-
2.4
3.3
m
Ω
VGS=5V,ID=20A
Gate resistance
3)
RG
-
0.5
-
Ω
-
Table5Dynamiccharacteristics3)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
1100
-
pF
VGS=0V,VDS=50V,f=1MHz
Output capacitance
Coss
-
630
-
pF
VGS=0V,VDS=50V,f=1MHz
Reverse transfer capacitance
Crss
-
8.6
-
pF
VGS=0V,VDS=50V,f=1MHz
Table6Gatechargecharacteristics4)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
3.0
-
nC
VDD=50V,ID=20A,VGS=0to5V
Gate charge at threshold
Qg(th)
-
2.3
-
nC
VDD=50V,ID=20A,VGS=0to5V
Gate to drain charge
3)
Qgd
-
3.4
-
nC
VDD=50V,ID=20A,VGS=0to5V
Switching charge
Qsw
-
4.0
-
nC
VDD=50V,ID=20A,VGS=0to5V
Gate charge total
3)
Qg
-
11.0
-
nC
VDD=50V,ID=20A,VGS=0to5V
Gate plateau voltage
Vplateau
-
2.6
-
V
VDD=50V,ID=20A,VGS=0to5V
Output charge
3)
Qoss
-
49
-
nC
VDD=50V,VGS=0V
1) When tested without the specified VGS pre-bias, VGS(th) will typically be 0.7 V lower than the threshold voltage
measured under the specified conditions.
2) RDS(ON) is measured without prior drain bias or switching stress. An upcoming application note will provide detailed information
aboutdynamicRDS(ON)andrecommendationsforinsitumeasurementintargetapplicationconditions.
3) Defined by design. Not subject to production test.
4) See
″Gate charge waveforms″ for parameter definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com