Electronic Components Datasheet Search
  English  ▼

X  

CD54HC20F Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC20F
Description  CDx4HC20 Dual 4-Input NAND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC20F Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC20F Datasheet HTML 1Page - Texas Instruments CD54HC20F Datasheet HTML 2Page - Texas Instruments CD54HC20F Datasheet HTML 3Page - Texas Instruments CD54HC20F Datasheet HTML 4Page - Texas Instruments CD54HC20F Datasheet HTML 5Page - Texas Instruments CD54HC20F Datasheet HTML 6Page - Texas Instruments CD54HC20F Datasheet HTML 7Page - Texas Instruments CD54HC20F Datasheet HTML 8Page - Texas Instruments CD54HC20F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
CD74HC20
UNIT
N (PDIP)
D (SOIC)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
66.2
133.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.9
89.0
°C/W
RθJB
Junction-to-board thermal resistance
45.9
89.5
°C/W
ΨJT
Junction-to-top characterization parameter
33.5
45.5
°C/W
ΨJB
Junction-to-board characterization parameter
45.7
89.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level
output voltage
VI = VIH or
VIL
IOH = –20
µA
2 V
1.9
1.9
1.9
V
4.5 V
4.4
4.4
4.4
6 V
5.9
5.9
5.9
IOH = –4
mA
4.5 V
3.98
3.84
3.7
IOH = –5.2
mA
6 V
5.48
5.34
5.2
VOL
Low-level output
voltage
VI = VIH or
VIL
IOL = 20
µA
2 V
0.1
0.1
0.1
V
4.5 V
0.1
0.1
0.1
6 V
0.1
0.1
0.1
IOL = 4 mA 4.5 V
0.26
0.33
0.4
IOL = 5.2
mA
6 V
0.26
0.33
0.4
II
Input leakage
current
VI = VCC or GND
6 V
±0.1
±1
±1
µA
ICC
Supply current
VI = VCC or
GND
IO = 0
6 V
2
20
40
µA
Ci
Input
capacitance
5 V
10
10
10
pF
6.6 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM
TO
TEST
CONDITIO
NS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN TYP MAX
MIN TYP MAX
MIN TYP MAX
tpd
Propagation delay
A, B, C,
or D
Y
CL = 50 pF
2 V
100
125
150
ns
4.5 V
20
25
30
6 V
17
21
26
A, B, C,
or D
Y
CL = 15 pF 5 V
8
www.ti.com
CD74HC20, CD54HC20
SCHS130D – AUGUST 1997 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD74HC20 CD54HC20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com