Electronic Components Datasheet Search
  English  ▼

X  

TDA5051AT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA5051AT
Description  Home automation modem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5051AT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA5051AT Datasheet HTML 17Page - NXP Semiconductors TDA5051AT Datasheet HTML 18Page - NXP Semiconductors TDA5051AT Datasheet HTML 19Page - NXP Semiconductors TDA5051AT Datasheet HTML 20Page - NXP Semiconductors TDA5051AT Datasheet HTML 21Page - NXP Semiconductors TDA5051AT Datasheet HTML 22Page - NXP Semiconductors TDA5051AT Datasheet HTML 23Page - NXP Semiconductors TDA5051AT Datasheet HTML 24Page - NXP Semiconductors TDA5051AT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1999 May 31
21
Philips Semiconductors
Product specification
Home automation modem
TDA5051A
Fig.22 Application diagram without power line insulation, with improved sensitivity (68 dB
µV typ.).
fcr = 115.2 kHz for a XTAL = 7.3728 MHz standard crystal.
handbook, full pagewidth
MGK843
250 V (AC)
max
T 630 mA
1 mH
68
Ω
(2 W)
47 nF/X2
250 V (AC)
47
µH
low RS
MOV
250 V (AC)
47 nF
(63 V)
47
µH
100
µF
(16 V)
470
µF
(16 V)
7V5
(1.3 W)
1N4006
1N4006
2
µF
250 V (AC)
10 nF
VDDD
VDDAP
APGND AGND
DGND
VDDA
RXIN
TXOUT
1
µF
(16 V)
14
1
+5 V
+5 V
2
MICRO-
CONTROLLER
4
7
OSC1
XTAL
7.3728 MHz
2.2 M
Ω
OSC2
85
9
12
3
3
1
2
13
11
15
47 nF
78L05
PD
27 pF
27 pF
10
DATAIN
DATAOUT
CLKOUT
TDA5051A
SA5.0A
1 k
Ω
33
k
Ω
150
k
Ω
10
k
Ω
10 nF
BC547B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com