Electronic Components Datasheet Search
  English  ▼

X  

HSMCJ5553 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # HSMCJ5553
Description  Plastic Surface Mount 5 Amp Standard Rectifier Series (200 -1000 V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HSMCJ5553 Datasheet(HTML) 2 Page - Microsemi Corporation

  HSMCJ5553 Datasheet HTML 1Page - Microsemi Corporation HSMCJ5553 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Plastic Surface Mount 5 Amp Standard
Rectifier Series (200 –1000 V)
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2004
03-09-2004 REV 0
SCOTTSD A L E DIVISION
HSMCJ5550 thru HSMCJ5554
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Reverse Current: The maximum reverse leakage current that will flow at the specified voltage and
temperature.
C
Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in
picofarads.
GRAPHS
FIGURE 2
MAXIMUM CURRENT vs. LEAD TEMPERATURE
PACKAGE DIMENSIONS
DIMENSIONS
INCHES
mm
DIM
MIN
MAX
MIN
MAX
A
.177
.203
4.50
5.15
B
.239
.243
6.08
6.18
C
.234
.240
5.95
6.10
D
.320
.330
8.13
8.38
E
.200
.214
5.08
5.43
F
.053
.067
1.35
1.70
G
.002
.025
0.05
0.64
NOTES: 1. Dimensions are in inches.
2. Metric equivalents (to the nearest 0.01mm)
are given for general information only and
are based upon 1 inch = 25.4 mm mm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com