Electronic Components Datasheet Search
  English  ▼

X  

28N60M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 28N60M2
Description  N-channel 600 V, 0.135 Ω typ., 22 A MDmesh™ M2 Power MOSFETs in D²PAK, I²PAK, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

28N60M2 Datasheet(HTML) 2 Page - STMicroelectronics

  28N60M2 Datasheet HTML 1Page - STMicroelectronics 28N60M2 Datasheet HTML 2Page - STMicroelectronics 28N60M2 Datasheet HTML 3Page - STMicroelectronics 28N60M2 Datasheet HTML 4Page - STMicroelectronics 28N60M2 Datasheet HTML 5Page - STMicroelectronics 28N60M2 Datasheet HTML 6Page - STMicroelectronics 28N60M2 Datasheet HTML 7Page - STMicroelectronics 28N60M2 Datasheet HTML 8Page - STMicroelectronics 28N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Contents
STB28N60M2, STI28N60M2, STP28N60M2,
STW28N60M2
2/21
DocID025254 Rev 4
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 9
4
Package information ..................................................................... 10
4.1
D²PAK package information ............................................................ 10
4.2
D²PAK packing information ............................................................. 13
4.3
I²PAK package information ............................................................. 15
4.4
TO-220 type A package information................................................ 16
4.5
TO-247 package information........................................................... 18
5
Revision history ............................................................................ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com