Electronic Components Datasheet Search
  English  ▼

X  

ADFC43 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ADFC43
Description  MULTI-LAYER DIELECTRIC FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC43 Datasheet(HTML) 1 Page - Abracon Corporation

  ADFC43 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
REVISED: 12.18.06
STANDARD SPECIFICATIONS:
PACKAGING: -T= Tape and Reel (1,000pcs/reel)
ADFC43-1200.00 - A
ADFC43-1527.00 - B
ADFC43-1900.00 - C
|||||||||||||||
ADFC43 Series
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
MULTI-LAYER DIELECTRIC FILTER
4.5 x 3.2 x 1.5mm
*RoHS COMPLIANT
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1650 ~ 2150 MHz
MHz
MHz
dB
dB
BW
dB
1200.00
+/-250.0
≤2.0
≤1.5
≤2.2
≥17
*+/-2.0
*+/-1.0
*+/-0.5
≤0.5
*+/-0.2
*+/-0.2
CHARACTERISTICS
UNIT
TYP.
TOL.
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
742 ~ 785 MHz
902 ~ 929 MHz
2226 ~ 2355 MHz
MHz
MHz
dB
dB
BW
dB
dB
dB
1527.00
+/-42.0
≤3.0
≤1.0
≤2.0
≥35
≥30
≥40
*+/-2.0
*+/-1.0
*+/-0.5
*+/-0.5
*+/-0.2
*+/-0.2
*+/-0.2
*+/-0.2
CHARACTERISTICS
UNIT
TYP.
TOL.
ADFC43-1400.00 - D
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
1000 ~ 1050 MHz
1650 ~ 1700 MHz
MHz
MHz
dB
dB
BW
dB
dB
1400.00
+/-20.0
≤2.5
≤1.0
≤2.0
≥35
≥30
*+/-2.0
*+/-1.0
*+/-0.5
*+/-0.5
*+/-0.2
CHARACTERISTICS
UNIT
TYP.
TOL.
*Post Environmental Tolerance
Center Frequency Fc
Bandwidth
Insertion Loss
Ripple
V.S.W.R.
Relative Attenuation
950 ~ 1450 MHz
MHz
MHz
dB
dB
BW
dB
1900.00
+/-250.0
≤2.0
≤1.5
≤2.2
≥25
*+/-2.0
*+/-1.0
*+/-0.5
<=0.5
*+/-0.2
*+/-0.2
CHARACTERISTICS
UNIT
TYP.
TOL.
Operating Temperature
Storage Temperature
Impedance @ Input/Output
Input Power
Reliability (MTBF)
-40°C to +85°C
-40°C to +85°C
50
Ω
1W
1x10-6/pc.hr
Dimensions: inch (mm)
OUTLINE DRAWING:
Input : 1
Output : 2
* GND
a. 0.8±0.1mm
b. 0.4±0.05mm
4.7
1.2
0.8
1.5
0.6
3.5
1.5
1.0
0.6
3.2 ± 0.2
1.5 ± 0.1
4.5 ± 0.2
*
1
2
*
0.25
b
a
b


Similar Part No. - ADFC43

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC13 ABRACON-ADFC13 Datasheet
84Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-245000-A-T ABRACON-ADFC15-245000-A-T Datasheet
834Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-2450.00-A-T ABRACON-ADFC18-2450.00-A-T Datasheet
803Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-245000-A-T ABRACON-ADFC18-245000-A-T Datasheet
803Kb / 2P
SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
More results

Similar Description - ADFC43

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC13 ABRACON-ADFC13 Datasheet
84Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
ADFC31 ABRACON-ADFC31 Datasheet
78Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTDIP2012F CT-CTDIP2012F Datasheet
517Kb / 2P
Multi-layer Diplexer
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
dielectric layer between two electrodes.
logo
TAI-SAW TECHNOLOGY CO.,...
TL0010A TAI-SAW-TL0010A Datasheet
188Kb / 5P
Multi-layer Filter 2450 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com