Electronic Components Datasheet Search
  English  ▼

X  

SD1015 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1015
Description  RF AND MICROWAVE TRANSISTORS 108-152MHz APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1015 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1015 Datasheet HTML 1Page - Advanced Power Technology SD1015 Datasheet HTML 2Page - Advanced Power Technology SD1015 Datasheet HTML 3Page - Advanced Power Technology SD1015 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD1015
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCES
IC = 200 mA
VBE = 0 V
65.0
V
BVCEO
IC = 200 mA
IB = 0 mA
35.0
V
BVEBO
IE = 10.0 mA
IC = 0 mA
4
V
ICBO
VCB = 30.0 V
IE = 0
2.0
mA
hFE
VCE = 5 V
IC = 200 mA
35.0
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 150 MHz
VCC = 13.5 V
12.5
W
GP
f = 150 MHz
VCC = 13.5 V
7
dB
POUT
f = 150 MHz
VCC = 28 V
30
W
GP
f = 150 MHz
VCC = 28 V
10
dB
COB
f = 1 MHz
VCB = 30 V
IE = 0
250
pF
CIb
f = 1 MHz
VEB = 0.5 V
IC = 0
300
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com