Electronic Components Datasheet Search
  English  ▼

X  

SD1018 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # SD1018
Description  RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1018 Datasheet(HTML) 1 Page - Advanced Power Technology

  SD1018 Datasheet HTML 1Page - Advanced Power Technology SD1018 Datasheet HTML 2Page - Advanced Power Technology SD1018 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD1018
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The SD1018 is an epitaxial silicon NPN planar transistor designed
primarily for VHF mobile and marine transmitters.
The device utilizes emitter ballasting resistors and improved
metallization systems to achieve extreme ruggedness under severe
operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
6.0
A
PDISS
Power Dissipation
80
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
2.2
°°C/W
Features
Features
• 175 MHZ
• 12.5 VOLTS
• COMMON EMITTER
•
POUT = 40 W MIN.
• G
P = 4.5 dB GAIN
RF AND MICROWAVE TRANSISTORS
VHF AND FM MOBILE APPLICATIONS
APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - SD1018

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1018 MICROSEMI-SD1018 Datasheet
192Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Semiconductor
SD1018-06 ASI-SD1018-06 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
logo
Microsemi Corporation
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
More results

Similar Description - SD1018

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1329 ADPOW-MS1329 Datasheet
192Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
MS1401 ADPOW-MS1401 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
MS1403 ADPOW-MS1403 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
MS1504 ADPOW-MS1504 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1143 ADPOW-SD1143 Datasheet
117Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1224-02 ADPOW-SD1224-02 Datasheet
177Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com