Electronic Components Datasheet Search
  English  ▼

X  

LC5546AD Datasheet(PDF) 21 Page - Sanken electric

Part # LC5546AD
Description  No Input Electrolytic Capacitor Required, IEC61000-3-2 Class-C Isolated LED Driver IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5546AD Datasheet(HTML) 21 Page - Sanken electric

Back Button LC5546AD Datasheet HTML 17Page - Sanken electric LC5546AD Datasheet HTML 18Page - Sanken electric LC5546AD Datasheet HTML 19Page - Sanken electric LC5546AD Datasheet HTML 20Page - Sanken electric LC5546AD Datasheet HTML 21Page - Sanken electric LC5546AD Datasheet HTML 22Page - Sanken electric LC5546AD Datasheet HTML 23Page - Sanken electric LC5546AD Datasheet HTML 24Page - Sanken electric LC5546AD Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LC5546AD/LD
LC5546AD/LD-DSE Rev.3.0
SANKEN ELECTRIC CO., LTD.
21
Dec. 12, 2022
https://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO., LTD. 2011
Surge voltage pulse width at
turning on
VROCP
OCP detection period
tON(LEB)
S/GND
Figure 9-29.
OCP Pin Voltage (Converted from Power
MOSFET Drain Current by ROCP)
9.6.2. Input Compensation Function
The IC has the input compensation function that
compensates
the
Overcurrent
Detection
Threshold
Voltage, VOCP, according to AC input voltages. In an
application using a quasi-resonant converter with
universal input (85 VAC to 265 VAC), the peak drain
current of the power MOSFET decreases due to a higher
operation frequency caused by an increased input voltage
under a condition of constant output power.
Figure 9-30 shows the relationship between AC input
voltage and the output current at OCP activation, IOUT(OCP),
with the OCP input compensation function being
activated or deactivated. When the IC without the input
compensation, IOUT(OCP) increases as the AC input voltage
increases (see “IOUT without input compensation” in
Figure 9-30). To regulate IOUT(OCP) at the maximum AC
input voltage, add the OCP input compensation circuit
(DX1, DZX1, RX1) as shown in Figure 9-31. The values of
these components should be adjusted so that IOUT(OCP) at
the maximum AC input voltage exceeds the target output
current,
IOUT
(see
“IOUT with appropriate input
compensation” in Figure 9-30).
Figure 9-31 shows the OCP input compensation circuit,
and Figure 9-32 shows the Vfw1 and Vfw2 voltages
according to the AC input voltage. The compensation
amount of VOCP depends on values of the input
compensation current, I, RX1, R3, and ROCP. The input
compensation current, I, is calculated by the following
equation:
I =
Vfw1 − VZX1 − VFX1
RX1 + R3 + ROCP
.
(6)
Where:
I is the input compensation current,
Vfw1 is the forward voltage of the auxiliary winding, D
proportional to input voltage,
VFX1 is the forward voltage of the rectifier diode DX1,
and
VZX1 is the Zener voltage of the Zener diode DZX1.
The Overcurrent Detection Threshold Voltage, VROCP'
applied with OCP input compensation is calculated by the
following equation:
VROCP
′
= −(|VOCP| + |R3 × IOCP| − R3 × I) .
(7)
Where:
I is the input compensation current,
R3 is the value of R3,
VOCP is the overcurrent detection threshold voltage
(−0.6 V), and
IOCP is the OCP pin source current (−40 μA).
As the input voltage, VIN, increases, the voltage drop
across R3 by the input compensation current, I (i.e., R3 ×
I) increases. Then, the input compensation amount also
increases, and the absolute value of VROCP' decreases.
The compensation start voltage of the OCP input
voltage is determined by the Zener voltage (VZX1) of the
Zener diode (DZX1). Set VZX1 to the same voltage as Vfw1
at the OCP input compensation starting point. The OCP
pin voltage, including surge voltage, must be regulated
within the rated voltages (−2.
V to 5. V) under a
condition of the maximum AC input voltage.
IOUT without input compensation
IOUT with appropriate input compensation
IOUT with excessive input
compensation
 
IOUT cannot be acquired
IOUT
85 V
265 V
AC Input Voltage (V)
IOUT (target output current)
Figure 9-30.
AC Input Voltage vs. Output Current at
OCP (with or without OCP Input Compensation
Function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com