Electronic Components Datasheet Search
  English  ▼

X  

3221 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3221
Description  22 (19/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3221 Datasheet(HTML) 1 Page - Alpha Wire

  3221 Datasheet HTML 1Page - Alpha Wire 3221 Datasheet HTML 2Page - Alpha Wire 3221 Datasheet HTML 3Page - Alpha Wire 3221 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 3221
Construction
Diameter ("in")
1) Component 1
2 x 1 COND
a) Conductor
22 (19/34) AWG Tinned Copper
0.032
b) Insulation
0.010" Wall, Nom. PVC/ 0.003" Wall NYLON
0.058
(1) Color Code
Alpha Wire Color Code G
Cond
Color
Cond
Color
Cond
Color
1
WHITE
2
BLACK
2) Cable Assembly
2 Components Cabled
a) Twists
8.0 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Shield
Tinned Copper BRAID Shield,90% Coverage (min.)
4) Jacket
0.016" Wall, Nom. PVC
0.173 (0.185 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 3221
CE ROHS
* = Factory Code
Applicable Specifications
1) Military
a) Component 1
MIL-W-16878/Type B/N
105°C / 600 VRMS
2) CE
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 3221

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3221 POMONA-3221 Datasheet
29Kb / 1P
BNC (Female) To Stackable Pin Tip Plugs
logo
List of Unclassifed Man...
3221 ETC2-3221 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3221 KEYSTONE-3221 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Amphenol SV Microwave
3221-4 SVMICROWAVE-3221-4 Datasheet
69Kb / 1P
SMPM FEMALE T-FLEX 405 CABLE FIT M38999 SIZE 12 INSERT
REV.B 06/08
logo
Amphenol Corporation
3221-4 AMPHENOL-3221-4 Datasheet
70Kb / 1P
SMPM FEMALE T-FLEX 405 CABLE FIT M38999 SIZE 12 INSERT
More results

Similar Description - 3221

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com