Electronic Components Datasheet Search
  English  ▼

X  

3336 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3336
Description  22 (19/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3336 Datasheet(HTML) 1 Page - Alpha Wire

  3336 Datasheet HTML 1Page - Alpha Wire 3336 Datasheet HTML 2Page - Alpha Wire 3336 Datasheet HTML 3Page - Alpha Wire 3336 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 3336
Construction
Diameter ("in")
1) Component 1
6 x 1 COND
a) Conductor
22 (19/34) AWG Tinned Copper
0.032
b) Insulation
0.010" Wall, Nom. PVC/ 0.003" Wall NYLON
0.058
(1) Color Code
Alpha Wire Color Code F
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
RED
5
ORANGE
2
WHITE
4
GREEN
6
BLUE
2) Cable Assembly
6 Components Cabled
a) Twists
4.8 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Shield
Tinned Copper BRAID Shield,90% Coverage (min.)
4) Jacket
0.020" Wall, Nom. PVC
0.246 (0.265 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 3336
CE ROHS
* = Factory Code
Applicable Specifications
1) Military
a) Component 1
MIL-W-16878/Type B/N
105°C / 600 VRMS
2) CE
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 3336

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3336 ASM-SENSOR-3336 Datasheet
3Mb / 12P
LEISTUNGSMESSGER횆TE
logo
Heyco.
3336 HEYCO-3336 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Peregrine Semiconductor...
3336-00 PEREGRINE-3336-00 Datasheet
233Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3336-01 PEREGRINE-3336-01 Datasheet
233Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3336-21 PEREGRINE-3336-21 Datasheet
233Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 3336

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com