Electronic Components Datasheet Search
  English  ▼

X  

5480/50C Datasheet(PDF) 2 Page - Alpha Wire

Part # 5480/50C
Description  24 (7/32) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5480/50C Datasheet(HTML) 2 Page - Alpha Wire

  5480/50C Datasheet HTML 1Page - Alpha Wire 5480/50C Datasheet HTML 2Page - Alpha Wire 5480/50C Datasheet HTML 3Page - Alpha Wire 5480/50C Datasheet HTML 4Page - Alpha Wire 5480/50C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pair Color
Pair Color
Pair Color
1
BLUE-
WHITE
18
BROWN/WHITE-
WHITE
35
GREEN/WHITE-
RED
2
ORANGE-
WHITE
19
BROWN/SLATE-
WHITE
36
GREEN/BROWN-
RED
3
GREEN-
WHITE
20
SLATE/WHITE-
WHITE
37
GREEN/SLATE-
RED
4
BROWN-
WHITE
21
BLUE-RED
38
BROWN/WHITE-
RED
5
SLATE-
WHITE
22
ORANGE-
RED
39
BROWN/SLATE-
RED
6
BLUE/WHITE-
WHITE
23
GREEN-RED 40
SLATE/WHITE-
RED
7
BLUE/ORANGE-
WHITE
24
BROWN-
RED
41
BLUE-
BLACK
8
BLUE/GREEN-
WHITE
25
SLATE-RED 42
ORANGE-
BLACK
9
BLUE/BROWN-
WHITE
26
BLUE/WHITE-
RED
43
GREEN-
BLACK
10
BLUE/SLATE-
WHITE
27
BLUE/ORANGE-
RED
44
BROWN-
BLACK
11
ORANGE/WHITE-
WHITE
28
BLUE/GREEN-
RED
45
SLATE-
BLACK
12
ORANGE/GREEN-
WHITE
29
BLUE/BROWN-
RED
46
BLUE/WHITE-
BLACK
13
ORANGE/BROWN-
WHITE
30
BLUE/SLATE-
RED
47
BLUE/ORANGE-
BLACK
14
ORANGE/SLATE-
WHITE
31
ORANGE/WHITE-
RED
48
BLUE/GREEN-
BLACK
15
GREEN/WHITE-
WHITE
32
ORANGE/GREEN-
RED
49
BLUE/BROWN-
BLACK
16
GREEN/BROWN-
WHITE
33
ORANGE/BROWN-
RED
50
BLUE/SLATE-
BLACK
17
GREEN/SLATE-
WHITE
34
ORANGE/SLATE-
RED
c) Pair
2/Cond Cabled Together
(1) Twists
9.6 Twists/foot (min.)
2) Cable Assembly
50 Components Cabled
a) Twists
1.4 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
3) Shield
Alum/Mylar Tape, 20% Overlap (min.)
a) Foil Direction
Foil Facing In
b) Drain Wire
24 (7/32) AWG Tinned Copper
4) Jacket
0.053" Wall, Nom. PVC
0.699 (0.739 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 5480/50C 50PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464
OR C(UL) 60C TYPE CMG FT4 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com