Electronic Components Datasheet Search
  English  ▼

X  

6032C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6032C
Description  20 (7/28) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6032C Datasheet(HTML) 1 Page - Alpha Wire

  6032C Datasheet HTML 1Page - Alpha Wire 6032C Datasheet HTML 2Page - Alpha Wire 6032C Datasheet HTML 3Page - Alpha Wire 6032C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 6032C
Construction
Diameter ("in")
1) Component 1
2 x 1 PAIR
a) Conductor
20 (7/28) AWG Tinned Copper
0.038
b) Insulation
0.013" Wall, Nom. Polypropylene (PP)
0.064
(1) Color Code
Alpha Wire Color Code A
Pair Color
Pair Color
Pair Color
1
BLACK-RED 2
BLACK-WHITE
c) Pair
2/Cond Cabled Together
(1) Twists
6.9 Twists/foot (min.)
Individually Applied
d) Shield
Foil Free Alum/Mylar Tape, 25% Overlap (min.)
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG Tinned Copper
2) Cable Assembly
2 Components Cabled
a) Twists
3.4 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-OUTSIDE
LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Jacket
0.047" Wall, Nom. PVC
0.331 (0.345 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6032C 2PR 20 AWG
EXXXXX SHIELDED 75C (UL) C(UL) CMG FT4 OR AWM
2493 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending upon
plant of manufacture.
Applicable Specifications


Similar Part No. - 6032C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6032 ETC2-6032 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Presto International UK...
60320 PRESTO-60320 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Pentair plc. All rights...
60320-02 PENTAIR-60320-02 Datasheet
4Mb / 56P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
List of Unclassifed Man...
603209 ETC-603209 Datasheet
6Mb / 68P
Contacts
May 2019
603210 ETC-603210 Datasheet
6Mb / 68P
Contacts
May 2019
More results

Similar Description - 6032C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com