Electronic Components Datasheet Search
  English  ▼

X  

SD1444 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1444
Description  RF & MICROWAVE TRANSISTORS 450-512MHz CLASS C MOBILE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1444 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1444 Datasheet HTML 1Page - Advanced Power Technology SD1444 Datasheet HTML 2Page - Advanced Power Technology SD1444 Datasheet HTML 3Page - Advanced Power Technology SD1444 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD1444
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCES
IC = 50 mA
VBE = 0
36
---
---
V
BVCEO
IC = 50 mA
IB = 0
16
---
---
V
BVEBO
IE = 1 mA
IC = 0
4.0
---
---
V
ICBO
VCB = 15 V
IE = 0
---
---
1.0
mA
HFE
VCE = 5 V
IC = 50 mA
20
---
200
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 470 MHz
VCE = 12.5 V
2.0
---
---
W
GPE
f = 470 MHz
VCE = 12.5 V
8.0
---
---
dB
Cob
VCE = 15.0 V
f = 1 MHz
IE = 0
---
---
15.0
pf
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
470 MHz
2.9 + j 0.6
15.6 – j 10.2
POUT = 2W
VCC = 12.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com