Electronic Components Datasheet Search
  English  ▼

X  

1416154 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1416154
Description  SAC-5P-M12MS/5,0-810/M12FR-3L - Sensor/actuator cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1416154 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1416154 Datasheet HTML 1Page - PHOENIX CONTACT 1416154 Datasheet HTML 2Page - PHOENIX CONTACT 1416154 Datasheet HTML 3Page - PHOENIX CONTACT 1416154 Datasheet HTML 4Page - PHOENIX CONTACT 1416154 Datasheet HTML 5Page - PHOENIX CONTACT 1416154 Datasheet HTML 6Page - PHOENIX CONTACT 1416154 Datasheet HTML 7Page - PHOENIX CONTACT 1416154 Datasheet HTML 8Page - PHOENIX CONTACT 1416154 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 5-position, PUR halogen-free, welding sputter-resistant, orange
RAL 2003, Plug straight M12, coding: A, with 3 LEDs, on Socket angled M12, coding: A, with 3
LEDs, cable length: 5 m, for robots and drag chains
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Reliable solution for the body shop as cable is welding sputter resistant
•
Convenient: increased machine availability thanks to quick and easy diagnostics
•
Commercial data
Item number
1416154
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CDA
GTIN
4055626063843
Weight per piece (including packing)
300.9 g
Weight per piece (excluding packing)
300.9 g
Customs tariff number
85444290
Country of origin
PL
SAC-5P-M12MS/5,0-810/M12FR-3L - Sensor/actuator
cable
1416154
https://www.phoenixcontact.com/us/products/1416154
Jul 26, 2024, 5:09 AM
Page 1 (17)


Similar Part No. - 1416154

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416151 PHOENIX-1416151 Datasheet
1Mb / 17P
SAC-5P-M12MS/2,0-810/M12FR-3L - Sensor/actuator cable
1416152 PHOENIX-1416152 Datasheet
1Mb / 17P
SAC-5P-M12MS/3,0-810/M12FR-3L - Sensor/actuator cable
1416155 PHOENIX-1416155 Datasheet
284Kb / 8P
VS-OE-M12FSBP-93B-LI/2,0 - Device connector, rear mounting
1416157 PHOENIX-1416157 Datasheet
91Kb / 5P
Sensor/Actuator cable - SAC-MS/0,3PVC/BI-1LZ110V BK180
1416158 PHOENIX-1416158 Datasheet
414Kb / 9P
VS-IP20-M12FSBP-93B-LI/2,0 - Network cable
More results

Similar Description - 1416154

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415624 PHOENIX-1415624 Datasheet
162Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/1,5-PVC/M12FR-3L
09/11/2020
1442418 PHOENIX-1442418 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-5P-M12MS/ 5,0-PUR P
09/11/2020
1454545 PHOENIX-1454545 Datasheet
112Kb / 5P
Sensor/actuator cable - SAC-5P-M12MS/ 2,0-802/M12FR
12/05/2018
1457319 PHOENIX-1457319 Datasheet
152Kb / 11P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-802/M12FR-3L
09/11/2020
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1567173 PHOENIX-1567173 Datasheet
149Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/0,6-800/M12FR-3L
09/11/2020
1669903 PHOENIX-1669903 Datasheet
142Kb / 11P
Sensor/actuator cable - SAC-5P- 5,0-PUR/M12FR-3L
09/11/2020
1681211 PHOENIX-1681211 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR-3L
12/07/2018
1696400 PHOENIX-1696400 Datasheet
86Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/5,0-PUR/M12FR
12/02/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com