Electronic Components Datasheet Search
  English  ▼

X  

TDA5146T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5146T
Description  Brushless DC motor drive circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5146T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5146T Datasheet HTML 4Page - NXP Semiconductors TDA5146T Datasheet HTML 5Page - NXP Semiconductors TDA5146T Datasheet HTML 6Page - NXP Semiconductors TDA5146T Datasheet HTML 7Page - NXP Semiconductors TDA5146T Datasheet HTML 8Page - NXP Semiconductors TDA5146T Datasheet HTML 9Page - NXP Semiconductors TDA5146T Datasheet HTML 10Page - NXP Semiconductors TDA5146T Datasheet HTML 11Page - NXP Semiconductors TDA5146T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
TDA5146T
Brushless DC motor drive circuit
1994 May 18
8
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
BRAKE
VIH
Input voltage HIGH in brake mode
4V< VP <18V
2.0
–
–
V
VIL
Input voltage LOW in normal mode
4V<VP<18V
–
–
0.8
V
IIH
Input current HIGH
VI = 2.0 V
–
–20
–
mA
IIL
Input current LOW
VI = 0.8 V
–
–20
–
mA
FG
VOL
Output voltage LOW
IO =1.6 mA
–
–
0.4
V
VOHmax
Maximum output voltage HIGH
VP
–
–
V
tTHL
Transition time
HIGH–to–LOW
CL = 50 pF
RL = 10 kW
–
0.5
–
mS
Ratio of FG frequency and
commutation frequency
–
1:2
–
d
Duty factor
–
50
–
%
PWM_IN
VIH
High Level Input
4V <VP < 18V
2.0
–
–
V
VIL
Low Level Input
4V <VP<18V
–
–
0.8
V
IIH
High Level Input Current
VI =2.0V
–3
0
3
mA
IIL
Low Level Input Current
VI =0.8V
–20
–3
–
mA
PWMOUT
V0H
PWM Output HIGH
PWM IN
<=2.0V
Vsup–
0.7
–
–
V
VOL
PWM Output LOW
PWM IN
>–0.8V
–
–
0.7
V
Ipwmoutsource
Sourcing capability
PWMOUT=
10
9.5V
9V
5
15
30
mA
mA
mA
Ipwmoutsink
sinking capability
PWMOUT=1V
25
–
–
mA
SR
PWM Output Slew Rate
Rs=51
W
C1=2nF
–
100
–
V/
mS
CAP–ST
II
Output sink current
1.6
2.1
2.6
mA
IO
Output source current
–2.6
–2.1
–1.6
mA
VSWL
Lower switching level
–
0.20
–
V
VSWM
Middle switching level
–
0.30
–
V
VSWH
Upper switching level
–
2.20
–
V
CAP–TI
II
Output sink current
–
28
–
mA
IOH
Output source current HIGH
–
–57
–
mA
IOL
Lower source current LOW
–
–5
–
mA
VSWL
Lower switching level
–
50
–
mV
VSWM
Middle switching level
–
0.30
–
V
VSWH
Upper switching level
–
2.20
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com