Electronic Components Datasheet Search
  English  ▼

X  

AP3S Datasheet(PDF) 1 Page - Abracon Corporation

Part # AP3S
Description  PROGRAMMABLE CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AP3S Datasheet(HTML) 1 Page - Abracon Corporation

  AP3S Datasheet HTML 1Page - Abracon Corporation AP3S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
AP3S
3.3V, 2.5V, 1.8V OPERATION
Unit
MHz
MHz
MHz
°C
ppm
V
V
V
mA
mA
mA
pF
V
V
%
nSec
uA
--
--
--
"0" level
--
--
--
--
45
50
pin 1 : Low , pin 3 : Disable
Tri-state Function (Input to pin 1)
Frequency Stabilty Over Operating Temp
* (See Options)
-100
--
100
2.5
2.97
2.25
1.62
3.3
2.5
1.8
3.63
2.75
1.98
25
15
10
10
--
--
55
3.3V = 0.33, 2.5V = 0.25, 1.8V = 0.18
3.3V = 2.97, 2.5V = 2.25, 1.8V = 1.62
0.8
0.8
0.8
110
90
75
--
--
--
--
--
--
Input Current
Rise Time (10%->90% Vdd)
Output Load
--
--
Output Type
CMOS
Symmetry
Standby Current
--
--
--
Typical
Maximum
pin 1 : High or Open , pin 3 : Enable
--
15
Characteristics
Frequency Range 3.3V
Input Voltage (Operating Vdd)
"1" level
Minimum
Operation Temp. Range * (See Options)
-10
--
60
nSec
Fall Time (90%->10% Vdd)
--
2.5
pSec
Jitter peak-to-peak**
--
30 to 70
• Performance comparable to fixed frequency oscillator
• Lowest peak-to-peak jitter
• Low supply current
• Short lead time
• Suitable for mass production
• Alternative to long lead-time XO's
Revised: 3.5.07
Pb RoHS
Compliant
2.5V
3.3V
2.5V
1.8V
3.3V
2.5V
1.8V
1.8V
3.2 x 2.5 x 1.1mm
Blank*
3.3 V
I
0°C to +50°C
Y(*)
±10ppm
**Blank
OE
B
Bulk
1
2.5 V
D
-10°C to +60°C
J(**)
±20ppm
**B
PDB
T
Tape and Reel
2
1.8 V
E
-20°C to +70°C
R
±25ppm
Ask for Tube Package
*3.3V : Standard
F
-30°C to +70°C
K
±30ppm
N
-30°C to +85°C
H
±35ppm
L
-40°C to +85°C
B
±40ppm
C
±50ppm
* Available for 0°C to +50°C and -10°C to +60°C only.
** Contact ABRACON for -40°C to +85°C.
Operating Temp.
Freq. Stability
AP3S -Frequency- - - -
Supply Voltage
Packaging
** OE: Tri-state the output buffer.
** PDB: Tri-state the output buffer and shut off the oscillator, <10µA when PDB enabled.
PIN 1(Option)
PROGRAMMABLE CRYSTAL OSCILLATOR
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
FEATURES:
ELECTRICAL SPECIFICATIONS:
For Small
Quantities,
Delivery Time
is 1-5 days
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)


Similar Part No. - AP3S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP3S ABRACON-AP3S Datasheet
1Mb / 2P
SMD CMOS PROGRAMMABLE CRYSTAL OSCILLATOR
09.24.08
AP3S ABRACON-AP3S_08 Datasheet
1Mb / 2P
SMD CMOS PROGRAMMABLE CRYSTAL OSCILLATOR
09.24.08
More results

Similar Description - AP3S

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
Crystal Clock Oscillator Programmable Type
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
Programmable High-Frequency Crystal Oscillator
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
CRYSTAL OSCILLATOR PROGRAMMABLE
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
Renesas Technology Corp
IDT8N3S272 RENESAS-IDT8N3S272 Datasheet
715Kb / 19P
LVPECL Frequency-Programmable Crystal Oscillator
NOVEMBER 28, 2012
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N4S271 RENESAS-IDT8N4S271 Datasheet
725Kb / 19P
LVDS Frequency-Programmable Crystal Oscillator
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com