Electronic Components Datasheet Search
  English  ▼

X  

MP6604CGV Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP6604CGV
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604CGV Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP6604CGV Datasheet HTML 11Page - Monolithic Power Systems MP6604CGV Datasheet HTML 12Page - Monolithic Power Systems MP6604CGV Datasheet HTML 13Page - Monolithic Power Systems MP6604CGV Datasheet HTML 14Page - Monolithic Power Systems MP6604CGV Datasheet HTML 15Page - Monolithic Power Systems MP6604CGV Datasheet HTML 16Page - Monolithic Power Systems MP6604CGV Datasheet HTML 17Page - Monolithic Power Systems MP6604CGV Datasheet HTML 18Page - Monolithic Power Systems MP6604CGV Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
15
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Step
Motor
CPA
CPB
VIN
VCP
AOUT1
AOUT2
BOUT1
BOUT2
AHS1
nFAULT
VIN
MP6604C
ALS1
BHS1
BLS1
GND
AHS2
ALS2
BHS2
BLS2
PGNDA
GND
PGNDB
nSLEEP
nRESET
VREG
μC
DCM
DCM
+
100nF
100nF
100nF
4.7µF
4.7µF
100µF
1µF
1µF
50m
Ω
50m
Ω
Figure 5: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com