Electronic Components Datasheet Search
  English  ▼

X  

MP6614 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6614
Description  35V, H-Bridge DC Motor Driver with SOIC-8 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6614 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6614 Datasheet HTML 1Page - Monolithic Power Systems MP6614 Datasheet HTML 2Page - Monolithic Power Systems MP6614 Datasheet HTML 3Page - Monolithic Power Systems MP6614 Datasheet HTML 4Page - Monolithic Power Systems MP6614 Datasheet HTML 5Page - Monolithic Power Systems MP6614 Datasheet HTML 6Page - Monolithic Power Systems MP6614 Datasheet HTML 7Page - Monolithic Power Systems MP6614 Datasheet HTML 8Page - Monolithic Power Systems MP6614 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6614
– 35V, H-BRIDGE DC MOTOR DRIVER WITH SOIC-8 PACKAGE
MP6614 Rev. 1.0
MonolithicPower.com
4
2/24/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND
Ground.
2
IN2
Input 2. Internal pull-down resistor 1.
3
IN1
Input 1. Internal pull-down resistor 2.
4
ISET
Output current-setting resistor. Connect a resistor between the ISET pin and ground to
set the current limit and the VISEN
pin’s output voltage.
5
VIN
Supply voltage. Place an input capacitor connected to the VIN pin to minimize voltage
spikes at the input.
6
OUT1
Output terminal 1.
7
VISEN
Current-sense output voltage.
8
OUT2
Output terminal 2.
EP
GND
Exposed pad. Connect the exposed pad to GND.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ......................-0.3V to +38V
Output voltages (VOUT1, VOUT2).............................
…………………………………-0.3V to VIN + 0.3V
ISET voltage (VISET) ........................-0.3V to +5V
All other pins to GND ......................-0.3V to +6V
Continuous power dissipation
……..(TA = 25°C) (2)
SOIC-8EP .................................................. 2.6W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ..........................1KV
Charged device model (CDM) ................... 750V
Recommended Operating Conditions (3)
VIN…………………………………………5V to 35V
Continuous output current (IOUT) .................. ±2A
Load current (IVISEN) .................................. ±2mA
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
SOIC-8EP ...............................48 ...... 10 ... °C/W
Notes:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function of
the maximum junction temperature, TJ (MAX), the junction-
to-ambient thermal
resistance,
θ
JA,
and the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation may produce an excessive die
temperature, which can cause the regulator to go into
thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3)
The device is not guaranteed to function outside of its
operation conditions.
4)
Measured on JESD51-7, a 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com