Electronic Components Datasheet Search
  English  ▼

X  

O-CS8-AMS58ISL-R Datasheet(PDF) 4 Page - Abracon Corporation

Part # O-CS8-AMS58ISL-R
Description  Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS8-AMS58ISL-R Datasheet(HTML) 4 Page - Abracon Corporation

  O-CS8-AMS58ISL-R Datasheet HTML 1Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 2Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 3Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 4Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 5Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 6Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 7Page - Abracon Corporation O-CS8-AMS58ISL-R Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
O-CS8 Series
14 x 21 x 7.5mm
Datasheet #1319A
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
Revision P: 08/24/2023
www.nelfc.com
Dimensions: inches [mm]
Pin #
Function
1
Supply Voltage (Vcc)
2
Ground
3
Ground
4
Output
5
Control Voltage (Vc)
6
Ground
7
Reference Voltage (Vref)
8
Ground
Mechanical Dimensions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com