Electronic Components Datasheet Search
  English  ▼

X  

AMC0106M25 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC0106M25
Description  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC0106M25 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC0106M25 Datasheet HTML 7Page - Texas Instruments AMC0106M25 Datasheet HTML 8Page - Texas Instruments AMC0106M25 Datasheet HTML 9Page - Texas Instruments AMC0106M25 Datasheet HTML 10Page - Texas Instruments AMC0106M25 Datasheet HTML 11Page - Texas Instruments AMC0106M25 Datasheet HTML 12Page - Texas Instruments AMC0106M25 Datasheet HTML 13Page - Texas Instruments AMC0106M25 Datasheet HTML 14Page - Texas Instruments AMC0106M25 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
6.3 Feature Description
6.3.1 Analog Input
As shown in Figure 6-1, the input of the AMC0106M25 is a fully differential, switched-capacitor circuit with a
dynamic input impedance of 25kΩ at 20MHz.
The sampling capacitor is continuously charged and discharged with a frequency of fCLK. With the S1 switches
closed, CIND charges to the voltage difference across VINP and VINN. For the discharge phase, both S1 switches
open first and then both S2 switches close. CIND discharges to approximately AGND + 0.8V during this phase.
AGND
INP
INN
CINN = 3pF
AGND
CINN = 3pF
270
270
CIND = 2.0 pF
AGND
AGND
AGND + 0.8 V
AGND + 0.8 V
S1
S1
S2
S2
RIN = 25 k
INP
INN
3pF
AGND
3pF
AGND
Equivalent circuit at
fCLK = 20 MHz
RIN ~
fCLK
1
Figure 6-1. Equivalent Input Circuit
The analog input range is tailored to directly accommodate a voltage drop across a shunt resistor used for
current sensing. There are two restrictions on the analog input signals (INP and INN). First, if the input voltage
exceeds the input range specified in the Absolute Maximum Ratings table, limit the input current to the absolute
maximum value because the electrostatic discharge (ESD) protection turns on. Second, the linearity and noise
performance of the device are specified only when the differential analog input voltage remains within the
specified VFSR and VCM ranges. VFSR is the linear full-scale range and VCM is the input common-mode voltage
range.
www.ti.com
AMC0106M25
SBASAX1 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com