Electronic Components Datasheet Search
  English  ▼

X  

TDA5153 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA5153
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5153 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA5153 Datasheet HTML 13Page - NXP Semiconductors TDA5153 Datasheet HTML 14Page - NXP Semiconductors TDA5153 Datasheet HTML 15Page - NXP Semiconductors TDA5153 Datasheet HTML 16Page - NXP Semiconductors TDA5153 Datasheet HTML 17Page - NXP Semiconductors TDA5153 Datasheet HTML 18Page - NXP Semiconductors TDA5153 Datasheet HTML 19Page - NXP Semiconductors TDA5153 Datasheet HTML 20Page - NXP Semiconductors TDA5153 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1997 Jul 02
17
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS device.
11 THERMAL CHARACTERISTICS
Note
1. The TDA5153X is shipped in naked dies. The thermal resistance depends on the flex used.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.0
V
VCC(WD)
write driver supply voltage
−0.5
+9.5
V
VIL
LOW level digital input voltage
−0.5
+5.5
V
VIH
HIGH level digital input voltage
−0.5
+5.5
V
Vn1
voltage on all pins except VCC, read inputs nRx, nRy and
write outputs nWx, nWy (n = 0 to 9)
−0.5
+5.5
V
but not higher than
−
VCC + 0.5
V
Vn2
voltage on write driver outputs nWx, nWy
−0.5
+8.8
V
but not higher than
−
VCC(WD) + 0.8 V
Vn3
voltage on read inputs nRx, nRy
−0.5
1
V
InGND
current through pins nGND
−
0.1
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITION
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
TDA5153AG, TDA5153BG
in free air
70
K/W
TDA5153X
see note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com