Electronic Components Datasheet Search
  English  ▼

X  

LP87745 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP87745
Description  LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87745 Datasheet(HTML) 1 Page - Texas Instruments

  LP87745 Datasheet HTML 1Page - Texas Instruments LP87745 Datasheet HTML 2Page - Texas Instruments LP87745 Datasheet HTML 3Page - Texas Instruments LP87745 Datasheet HTML 4Page - Texas Instruments LP87745 Datasheet HTML 5Page - Texas Instruments LP87745 Datasheet HTML 6Page - Texas Instruments LP87745 Datasheet HTML 7Page - Texas Instruments LP87745 Datasheet HTML 8Page - Texas Instruments LP87745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Functional safety-compliant device
– Developed for functional safety applications
– Documentation available to aid ISO 26262
functional safety system design up to ASIL-C /
SIL-2
– Input supply overvoltage and undervoltage
monitoring
– Regulator output overvoltage and undervoltage
monitoring
– Overvoltage and undervoltage monitoring for
one external rail
– Q&A watchdog
– Level or PWM error signal monitor (ESM)
– BIST and CRC
• Input voltage: 3.3V nominal (3V to 4V range)
• Three low-noise step-down DC/DC converters:
– Output voltage: 0.9V to 1.9V, 0.8V (BUCK3),
0.82V (BUCK3)
– Maximum output current: 3A/ 3A/ 3A
– Switching frequency: 4.4MHz, 8.8MHz, and
17.6MHz
• 5V boost converter
– Maximum output current: 350mA
• 150mA LDO
– Output voltage 1.8V or 3.3V
• Output short-circuit and overload protection
• Input overvoltage protection (OVP) and
undervoltage lockout (UVLO)
• Overtemperature warning and protection
• Serial peripheral interface (SPI)
2 Applications
• Short and medium range corner radar
• Long range front radar
• Ultra-short range radar
• Low ripple, low noise applications
3 Description
The LP8774x-Q1 device is designed to meet the
power management requirements of the AWR and
IWR MMICs in various automotive and industrial radar
applications. The device has three step-down DC/DC
converters, a 5V boost converter and a 1.8V or
3.3V LDO. The LDO is powered from the boost and
intended for xWR I/O supply. An SPI serial interface
and enable signals control the device.
The
step-down
DC/DC
converters
support
programmable
switching
frequency
of
4.4MHz,
8.8MHz, or 17.6MHz. High switching frequency and
low noise across wide frequency range enable LDO-
free power solution with minimal or no passive
filtering. The high switching frequency improves
thermals and transient settling for the MMIC RF rails.
The device forces the switching clock into PWM
mode for optimal RF performance and can also
be synchronized to an external clock. The device
supports remote voltage sensing to compensate IR
drop between the regulator output and the point-of-
load (POL) which improves the accuracy of the output
voltage.
Package Information
PART
NUMBER(1)
PACKAGE
PACKAGE
SIZE(2)
BODY SIZE
(NOM)
LP8774x-Q1
RXV (VQFN-
HR, 28)
4.50mm ×
5.00mm
4.50mm ×
5.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SW_B1
PVIN_B1
PVIN_B2
VCCA
VIN
FB_B1
VOUT1
LOAD
CS_SPI/WD_DIS
SCK_SPI
nINT
SYNCCLKIN
GNDs
ENABLE
SW_B2
FB_B2
VOUT2
VMON1/GPO1
nERR/GPO2
SW_BST
VOUT_BST
VOUT4
LOAD
LOAD
SW_B3
FB_B3
VOUT3
LOAD
PVIN_B3
SDO_SPI
SDI_SPI
nRSTOUT
VOUT_VLDO
SPI interface
VIO_LDO
VOUT5
Simplified Application
LP87743-Q1, LP87744-Q1, LP87745-Q1
SNVSC48B – OCTOBER 2021 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP87745

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87745 TI1-LP87745 Datasheet
1Mb / 16P
LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
NOVEMBER 2023
LP87745 TI1-LP87745 Datasheet
623Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745 TI2-LP87745 Datasheet
591Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
More results

Similar Description - LP87745

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
Four 4-MHz Buck Converters for AWR and IWR MMICs
LP87702-Q1 TI1-LP87702-Q1_V01 Datasheet
2Mb / 97P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_V02 Datasheet
3Mb / 101P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP876242-Q1 TI-LP876242-Q1 Datasheet
7Mb / 292P
LP876242-Q1 Four 8.8-MHz Buck Converters for AWR and IWR MMICs
REVISED SEPTEMBER 2022
LP87745-Q1 TI-LP87745-Q1_V01 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
LP87702-Q1 TI-LP87702-Q1_V03 Datasheet
3Mb / 99P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
REVISED JUNE 2021
LP87745 TI1-LP87745 Datasheet
1Mb / 16P
LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com