Electronic Components Datasheet Search
  English  ▼

X  

SCA100T Datasheet(PDF) 2 Page - VTI technologies

Part # SCA100T
Description  Inclinometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA100T Datasheet(HTML) 2 Page - VTI technologies

  SCA100T Datasheet HTML 1Page - VTI technologies SCA100T Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEASURING DIRECTIONS
VTI Technologies Oy
Myllynkivenkuja 6
P.O. Box 27
FI-01621 Vantaa
Finland
Tel. +358 9 879 181
Fax +358 9 879 18791
sales@vti.fi
VTI Technologies Oy
Frankfurt Branch
Rennbahnstr. 72-74
D-60528 Frankfurt am Main
Germany
Tel. +49 69 6786 880
Fax +49 69 6786 8829
sales.de@vti.fi
VTI Technologies, Inc.
One Park Lane Blvd.
Suite 804 - East Tower
Dearborn, MI 48126
USA
Tel. +1 313 425 0850
Fax +1 313 425 0860
sales@vtitechnologies.com
ELECTRICAL CONNECTION
The part weights under 1.2 g. The size is appr. (w x h x l) 9 x 5 x 16 mm. Pin pitch is standard 100 mils.
Acceleration in the direction of the arrow will
increase the output voltage.
If the SPI interface is not used SCK (pin1), MISO (pin3), MOSI (pin4) and CSB (pin7)
must be left floating.
Self test can be activated applying logic “1” (positive supply voltage level)
to ST pin (pin 9 and 10). If ST feature is not used pins 9 and 10 must be left
floating or connected to GND.
RECOMMENDED CIRCUIT
PCB PAD LAYOUTS
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Acceleration (powered or non-powered)
20 000
g
Supply voltage
-0.3 V to +5.5 V
V
Voltage at input/output pins
-0.3 V to (Vdd+0.3 V)
V
Temperature range
-55…125
°C
Pin#
Pin Name
I/O
Connection
1
SCK
Input
Serial clock
2
Ext_C_1
Input
X axis external capacitor input (Ch 1)
3
MISO
Output
Master in slave out; data output
4
MOSI
Input
Master out slave in; data input
5
Out_2
Output
Y axis Output (Ch 2)
6
GND
Power
round (GND)
7
CSB
Input
Chip select (active low)
8
Ext_C_2
Input
Y axis external capacitor input (Ch 2)
9
ST_2
Input
Self test input for Y axis (Ch 2)
10
ST_1 / Test_in
Input
Self test input for X axis (Ch 1 )
11
Out_1
Output
X axis output (Ch 1)
12
VDD
Power
Positive supply voltage (VDD)
SCA100T Series
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com