Electronic Components Datasheet Search
  English  ▼

X  

ASFLT Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFLT
Description  TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLT Datasheet(HTML) 1 Page - Abracon Corporation

  ASFLT Datasheet HTML 1Page - Abracon Corporation ASFLT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
|||||||||||||||
ASFLT SERIES
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
5.0 x 3.2 x 1.2mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
PARAMETERS
ABRACON P/N:
ASFLT Series
Frequency:
4.000MHz to 54.000MHz
Standard Frequencies:
5, 10, 12, 16, 20, 24, 32, 40, 44MHz
Output level:
CMOS
Operating temperature:
- 40°C to +85°C
Storage temperature:
- 40°C to + 85°C
Frequency Stability:
±10ppm (see option)
Frequency Stability vs. Vdd:
±0.5ppm
Supply voltage (Vdd):
3.0Vdc ± 10% (see option)
Supply Current (Idd):
7mA max. / 10 μA max. (Standby)
Symmetry:
45/55 % @ 50% Vdd
Rise and Fall Times(Tr/Tf):
5ns max. / 10%Vdd-90%Vdd
Output load:
15pF
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Tri State Function:
#1: NC OR "H" → Output enable
#1: "L" → Output disable (Hi-Z)
Start-up-time:
0.2ms typ.
Aging per year:
±5 ppm @25°C
Fast enable time:
0.1ms typ.
Phase Noise (@ 10kHz offset):
-143dBc/Hz Typ.
Jitter:
1σ 3ps typ.
• Home networking by AC socket
• Wireless LAN
• Mobile communications
• PLC modem
• WiMax
• Highly reliable seam-sealed package
• Low current consumption
• Low phase noise and jitter
• Industrial grade tight temperature stability (±5.0ppm / -40 to +85˚C)
• Fast start-up time
• CMOS output with Tri-state function
k
l
u
B
k
n
a
l
B
m
p
p
0
1
±
k
n
a
l
B
%
0
1
±
0
.
3
k
n
a
l
B
m
p
p
7
±
7
R
%
0
1
±
5
.
2
A
m
p
p
5
±
5
R
%
0
1
±
3
.
3
B
C
2.8±10%
T
Tape and
Reel
Freq. Stability
ASFLT -
- Frequency -
-
g
n
i
g
a
k
c
a
P
)
V
(
d
d
V
d
n
a
N
/
P
Frequency
XX.XXXX MHz
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.26.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASFLT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLT ABRACON-ASFLT Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
ASFLT ABRACON-ASFLT_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
More results

Similar Description - ASFLT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASET ABRACON-ASET Datasheet
204Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE OSCILLATOR
4.20.07
logo
Golledge Electronics Lt...
GXO-3332 GOLLEDGE-GXO-3332 Datasheet
82Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332 Datasheet
83Kb / 2P
2.5~3.3V Tight Stability Oscillator
logo
Abracon Corporation
ASET ABRACON-ASET_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
03.26.08
ASFLT ABRACON-ASFLT_08 Datasheet
201Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE CRYSTAL OSCILLATOR
Revised C: 03.11.08
logo
Golledge Electronics Lt...
GXO-3232 GOLLEDGE-GXO-3232 Datasheet
170Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332_16 Datasheet
171Kb / 2P
1.8 ~ 3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332_16 Datasheet
201Kb / 2P
2.5~3.3V Tight Stability Oscillator
logo
ECS, Inc.
ECS-3225SMV ECS-ECS-3225SMV Datasheet
329Kb / 2P
SMD MultiVolt Crystal Oscillator Tight Stability
ECS-2520SMV ECS-ECS-2520SMV Datasheet
457Kb / 2P
SMD Multi Volt Crystal Oscillator Tight Stability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com