Electronic Components Datasheet Search
  English  ▼

X  

ASLV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASLV
Description  5.0Vdc HCMOS/TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASLV Datasheet(HTML) 1 Page - Abracon Corporation

  ASLV Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
MARKING:
- XX.X -A
(Frequency); A - Tri-state option
- ASLV ZY
(Z: month A to L; Y: year 0 for 2000, 1 for 2001)
PIN
FUNCTION
1
2
3
4
5
6
Voltage Control Vc
NC or Tri-state
GND/Case
Output
NC
Vdd
Frequency Range
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Disable/Enable time
Output Voltage
Pulling
Start-up Time
Tristate Function
Linearity
± 10% max
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
5.0Vdc HCMOS/TTL COMPATIBLE
5.0Vdc HCMOS/TTL COMPATIBLE
SMD CRYSTAL CLOCK OSCILLATOR
SMD CRYSTAL CLOCK OSCILLATOR
5.0Vdc HCMOS/TTL COMPATIBLE
SMD CRYSTAL CLOCK OSCILLATOR
|||||||||||||||
ASLV SERIES
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature options:
D for -10°C to +60°C
E for -20°C to +70°C
F for -30°C to +70°C
ASLV - Frequency - Temperature - Duty cycle - Tri-state - Packaging
Symmetry option:
- S for 45/55% at 1/2Vdd
Tri-state mode option:
- A for tristate
Packaging option:
T for Tape and Reel
(1,000pcs/reel)
*RoHS COMPLIANT
APPLICATIONS:
• Phase locked loops (PLLs)
• Synthesizers
• Clock Recover, Digital Transmission device
• Digital set-top box
FEATURES:
• Low profile (1.7) ceramic VCXO
• Enable/Disable functions
• 7.0mm x 5.0mm seam welded
• HCMOS/TTL output
• Suitable for reflow methods
PARAMETERS
1.00 MHz to 155.52 MHz
0°C to + 70°C
- 55°C to + 125°C
± 50 ppm max.
5.0 Vdc ± 5%
30mA max.
40/60 % max. @ 1/2Vdd (see options)
8nS max
15pF (2TTL)
100ns max
VOH = 0.9*Vdd min
VOL = 0.4 Vdc max
± 100 ppm min.
10mS max
"1" (VIH >= 2.2 Vdc) or open: Oscillation
"0" (VIL < 0.8 Vdc) : Option A/Hi Z
7.0 x 5.0 x 1.8mm


Similar Part No. - ASLV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASLV ABRACON-ASLV Datasheet
167Kb / 2P
5.0Vdc HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
02.25.08
ASLV ABRACON-ASLV_08 Datasheet
167Kb / 2P
5.0Vdc HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
02.25.08
More results

Similar Description - ASLV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
Abracon Corporation
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2_08 Datasheet
188Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.07.08
ASLV ABRACON-ASLV_08 Datasheet
167Kb / 2P
5.0Vdc HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
02.25.08
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com