Electronic Components Datasheet Search
  English  ▼

X  

TDA5330T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5330T
Description  VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5330T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5330T Datasheet HTML 8Page - NXP Semiconductors TDA5330T Datasheet HTML 9Page - NXP Semiconductors TDA5330T Datasheet HTML 10Page - NXP Semiconductors TDA5330T Datasheet HTML 11Page - NXP Semiconductors TDA5330T Datasheet HTML 12Page - NXP Semiconductors TDA5330T Datasheet HTML 13Page - NXP Semiconductors TDA5330T Datasheet HTML 14Page - NXP Semiconductors TDA5330T Datasheet HTML 15Page - NXP Semiconductors TDA5330T Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
January 1988
13
Philips Semiconductors
Product specification
VHF, UHF and Hyperband mixer/oscillator
for TV and VCR 3-band tuners
TDA5330T
Component values of the test circuit
Note
1. Coil type: TOKO 7 kN; material: 113 kN, screw core (03-0093), pot core (04-0026).
resistors
R1 = 47 k
Ω
R2 = 18
Ω
R3 = 22 k
Ω
R4 = 22 k
Ω
R5 = 22
Ω (SMD)
R6 = 22 k
Ω
R7 = 1 k
Ω
R8 = 2.2 k
Ω
R9 = 22 k
Ω
R10 = 15 k
Ω
R11 = 22 k
Ω
capacitors
C1 = 1 nF
C2 = 1 nF
C3 = 1 nF
C4 = 1 nF
C5 = 1 nF
C6 = 1 nF
C7 = 1 nF
C8 = 1 nF
C9 = 1 nF
C10 = 1 nF
C11 = 1 nF
C12 = 15 pF (N750)
C13 = 15 pF (N750)
C14 = 1 nF
C15 = 1 nF
C16 = 1 nF
C17 = 0.68 pF (SMD)
C18 = 1 pF (SMD)
C19 = 100 pF (SMD)
C20 = 5.6 pF (SMD)
C21 = 1 pF
C22 = 0.68 pF (SMD)
C23 = 150 pF (N750)
C24 = 1.8 pF (N750)
C25 = 3.3 pF (SMD)
C26 = 3.3 pF (SMD)
C27 = 1.8 pF (SMD)
C28 = 1 nF
C29 = 1 pF (NPO)
C30 = 1 pF (NPO)
C31 = 82 pF (N750)
C32 = 1 nF
C33 = 1
µF (40 V)
Cm = 18 pF (N750)
diodes and IC
D1 = BB911
D2 = BB909B
D3 = BB405B
IC = TDA5330T
coils
L1 = 6.5 t (
φ3)
L2 = 1.5 t (
φ3)
L3 = 1.5 t (
φ3)
L4 = 1.5 t (
φ3)
L5 = 2
× 6 t (note 1)
L6 = 12 t (note 1)
L7 = 2 t (mounted on L6)
L8 = 5
µH (choke coil)
wire size for L1 to L4 = 0.4 and for L5 to L7 = 0.1 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com