Electronic Components Datasheet Search
  English  ▼

X  

TDA5341 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5341
Description  Brushless DC motor and VCM drive circuit with speed control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5341 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5341 Datasheet HTML 1Page - NXP Semiconductors TDA5341 Datasheet HTML 2Page - NXP Semiconductors TDA5341 Datasheet HTML 3Page - NXP Semiconductors TDA5341 Datasheet HTML 4Page - NXP Semiconductors TDA5341 Datasheet HTML 5Page - NXP Semiconductors TDA5341 Datasheet HTML 6Page - NXP Semiconductors TDA5341 Datasheet HTML 7Page - NXP Semiconductors TDA5341 Datasheet HTML 8Page - NXP Semiconductors TDA5341 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1997 Jul 10
2
Philips Semiconductors
Product specification
Brushless DC motor and VCM drive circuit
with speed control
TDA5341
FEATURES
• Full-wave commutation (using push-pull output stages)
without position sensors
• Built-in start-up circuitry
• Three push-pull MOS outputs:
– 1 A output current
– Low voltage drop
– Built-in current limiter
• Thermal protection
• General purpose operational amplifier
• Reset generator
• Motor brake facility
• Actuator driver (H-bridge current-controlled)
• Power-down detector
• Automatic park and brake procedure
• Adjustable park voltage
• Sleep mode
• Speed control with Frequency-Locked Loop (FLL)
• Serial port
• Friction reduction prior to spin-up.
APPLICATIONS
• Hard Disk Drive (HDD).
GENERAL DESCRIPTION
The TDA5341 is a BiCMOS integrated circuit used to drive
brushless DC motors in full-wave mode. The device
senses the rotor position using an EMF sensing technique
and is ideally suited as a drive circuit for a hard disk drive
motor.
The TDA5341 also includes a Voice Coil Motor driver
(VCM), reset and park facilities and an accurate speed
regulator. In addition, a serial port facilitates the control of
the device.
QUICK REFERENCE DATA
Measured over full voltage and temperature range.
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
general supply voltage for logic and power
4.5
5.0
5.25
V
IoMOT
motor output current
1.3
1.6
1.9
A
RDS(MOT)
motor output resistance
−
1.1
1.56
Ω
IoACT
actuator output current
0.7
1.1
1.4
A
RDS(ACT)
actuator output resistance
−
2.0
2.5
Ω
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5341G
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com