Electronic Components Datasheet Search
  English  ▼

X  

ASPI-0428S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0428S
Description  SMD SHIELDED POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0428S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0428S Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS COMPLIANT
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SMD SHIELDED POWER INDUCTORS
SMD SHIELDED POWER INDUCTORS
SMD SHIELDED POWER INDUCTORS
ASPI-0428S SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
L (µH)
DCR (Ω)
IDC (A)
±20%
Max
Max
ASPI-0428S- 1R2
1.2
0.024
2.56
ASPI-0428S- 1R8
1.8
0.028
2.20
ASPI-0428S- 2R2
2.2
0.031
2.04
ASPI-0428S- 2R7
2.7
0.043
1.60
ASPI-0428S- 3R3
3.3
0.049
1.57
ASPI-0428S- 3R6
3.6
0.053
2.70
ASPI-0428S- 3R9
3.9
0.065
1.44
ASPI-0428S- 4R7
4.7
0.072
1.32
ASPI-0428S- 5R6
5.6
0.101
1.17
ASPI-0428S- 6R8
6.8
0.109
1.12
ASPI-0428S- 8R2
8.2
0.118
1.04
ASPI-0428S- 100
10
0.128
1.00
ASPI-0428S- 120
12
0.132
0.84
ASPI-0428S- 150
15
0.149
0.76
ASPI-0428S- 180
18
0.166
0.72
ASPI-0428S- 220
22
0.235
0.70
ASPI-0428S- 270
27
0.261
0.58
ASPI-0428S- 330
33
0.378
0.56
ASPI-0428S- 390
39
0.384
0.50
ASPI-0428S- 470
47
0.587
0.48
ASPI-0428S- 560
56
0.625
0.41
ASPI-0428S- 680
68
0.699
0.35
ASPI-0428S- 820
82
0.915
0.32
ASPI-0428S- 101
100
1.020
0.29
ASPI-0428S- 121
120
1.270
0.27
ASPI-0428S- 151
150
1.350
0.24
ASPI-0428S- 181
180
1.540
0.22
Part Number
• Marking: Value in µH
• Add -T for tape and reel (1,500 pcs per reel)
• Add -M for tolerance ±20%
• Inductance measured at 100KHz, 0.1VRMS
• IDC: Inductance decreases to 65% of initial value or
DT of coil increased by 40°C Max
• Operating Temperature: -25°C to +85°C
RoHS Compliance, effective 0527, label on reel and box


Similar Part No. - ASPI-0428S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0428S-100 ABRACON-ASPI-0428S-100 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTORS
01.11.11
ASPI-0428S-101 ABRACON-ASPI-0428S-101 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTORS
01.11.11
ASPI-0428S-120 ABRACON-ASPI-0428S-120 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTORS
01.11.11
ASPI-0428S-121 ABRACON-ASPI-0428S-121 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTORS
01.11.11
ASPI-0428S-150 ABRACON-ASPI-0428S-150 Datasheet
1Mb / 3P
SMD SHIELDED POWER INDUCTORS
01.11.11
More results

Similar Description - ASPI-0428S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com