Electronic Components Datasheet Search
  English  ▼

X  

TCS800 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # TCS800
Description  high power COMMON BASE bipolar transistor.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

TCS800 Datasheet(HTML) 1 Page - Advanced Power Technology

  TCS800 Datasheet HTML 1Page - Advanced Power Technology TCS800 Datasheet HTML 2Page - Advanced Power Technology TCS800 Datasheet HTML 3Page - Advanced Power Technology TCS800 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.
TCS800
800 Watts, 50 Volts, Pulsed
Avionics 1030 MHz
GENERAL DESCRIPTION
The TCS800 is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems in the frequency band 1030 MHz, with the pulse
width and duty required for TCAS applications. The device has gold thin-film
metallization and diffused ballasting for proven highest MTTF. The transistor
includes input and output prematch for broadband capability.
Low thermal
resistance package reduces junction temperature, extends life.
CASE OUTLINE
55SM Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C1
1944 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
65 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
50 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+230
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
F = 1030 MHz
800
W
Pin
Power Input
126
W
Pg
Power Gain
8.0
9.0
dB
η
c
Collector Efficiency
45
%
RL
Input Return Loss
VCC = 50 Volts
PW = 32
µsec
DF = 1%
-12
dB
Pd
Pulse Droop
0.5
dB
VSWR
Load Mismatch Tolerance
F = 1030 MHz
4:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo*
Emitter to Base Breakdown
Ie = 70 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 100 mA
65
V
hFE*
DC – Current Gain
Vce = 5V, Ic = 5A
20
θjc1
Thermal Resistance
0.09
°C/W
NOTE 1: At rated output power and pulse conditions.
*: Not measurable due to internal EB returns
Rev B – Sept. 2005


Similar Part No. - TCS800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
More results

Similar Description - TCS800

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TAN350 ADPOW-TAN350 Datasheet
711Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR175 GHZTECH-TPR175 Datasheet
276Kb / 3P
high power COMMON BASE bipolar transistor.
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TPR700 ADPOW-TPR700 Datasheet
268Kb / 3P
high power COMMON BASE bipolar transistor.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com