Electronic Components Datasheet Search
  English  ▼

X  

TPR175 Datasheet(PDF) 1 Page - GHz Technology

Part # TPR175
Description  high power COMMON BASE bipolar transistor.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

TPR175 Datasheet(HTML) 1 Page - GHz Technology

  TPR175 Datasheet HTML 1Page - GHz Technology TPR175 Datasheet HTML 2Page - GHz Technology TPR175 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE
THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE
PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TPR 175
175 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090 MHz
GENERAL DESCRIPTION
CASE OUTLINE
The TPR 175 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1030-1090 MHz. The
device has gold thin-film metallization for proven highest MTTF. The
transistor includes input prematch for broadband capability. Low thermal
resistance package reduces junction temperature, extends life.
55CX, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
388 Watts
o2
Maximum Voltage and Current
BVces
Collector to Base Voltage
55 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
12.5 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
Power Out
F = 1090 MHz
175
Watts
Power Input
Vcc = 50 Volts
25
Watts
Power Gain
8.0
9.0
dB
Collector Efficiency
40
%
Load Mismatch Tolerance
00:1
PW = 10
µsec
DF = 1%
F = 1090 MHz
BVebo
BVces
hFE
θjc2
Emitter to Base Breakdown
Ie = 5 mA
3.5
Volts
Collector to Emitter Breakdown
Ic = 20 mA
55
Volts
DC - Current Gain
Ic = 20 mA, Vce = 5V
10
Thermal Resistance
0.45
C/W
o
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
Issue A February 1998


Similar Part No. - TPR175

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
TPR175 ASI-TPR175 Datasheet
23Kb / 1P
NPN SILICON RF-MICROWAVE POWER TRANSISTOR
REV. B
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results

Similar Description - TPR175

ManufacturerPart #DatasheetDescription
logo
GHz Technology
JTDA50 GHZTECH-JTDA50 Datasheet
28Kb / 1P
High power COMMON BASE bipolar transistor.
JTDB25 GHZTECH-JTDB25 Datasheet
113Kb / 2P
High power COMMON BASE bipolar transistor.
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L Datasheet
267Kb / 4P
high power COMMON BASE bipolar transistor
MS2473 MICROSEMI-MS2473 Datasheet
110Kb / 2P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TAN250A GHZTECH-TAN250A Datasheet
204Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TAN350 ADPOW-TAN350 Datasheet
711Kb / 4P
high power COMMON BASE bipolar transistor.
TCS800 ADPOW-TCS800 Datasheet
282Kb / 4P
high power COMMON BASE bipolar transistor.
logo
GHz Technology
TPR400 GHZTECH-TPR400 Datasheet
274Kb / 3P
high power COMMON BASE bipolar transistor.
logo
Advanced Power Technolo...
TPR700 ADPOW-TPR700 Datasheet
268Kb / 3P
high power COMMON BASE bipolar transistor.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com