Electronic Components Datasheet Search
  English  ▼

X  

ASSVJ Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSVJ
Description  3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSVJ Datasheet(HTML) 2 Page - Abracon Corporation

  ASSVJ Datasheet HTML 1Page - Abracon Corporation ASSVJ Datasheet HTML 2Page - Abracon Corporation ASSVJ Datasheet HTML 3Page - Abracon Corporation ASSVJ Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CLOCK OSCILLATOR
| | | | | | | | | | | | | | |
Pb RoHS
Compliant
7.0 x 5.0 x 1.8mm
Dimensions: inch (mm)
OUTLINE DRAWING:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
TAPE & REEL:
Blank
0°C to +70°C
Blank*
±100ppm
Option
(%)
L
-40°C to +85°C
R
±25ppm
C
±50ppm
D0.25
-0.25%
D0.5
-0.5%
D0.75
-0.75%
D1.25
-1.25%
D2.0
-2.0%
D2.5
-2.5%
D3.0
-3.0%
D3.5
-3.5%
D3.75
-3.75%
C0.25
±0.125%
C0.5
±0.25%
C0.75
±0.375%
C1.25
±0.625%
C2.0
±1.0%
C2.5
±1.25%
C3.0
±1.5%
C3.5
±1.75%
C3.75
±1.875%
Please see note on next page about Down and Center Spread.
Down Spread
T
Tape and Reel
(1000pcs)
Center Spread
Spread Type
ASSVJ-Frequency-X-X-X-X
Freq. Stability
Operating Temp
1
2
3
4
NC
Ground
SS Output
Vdd
Packaging
PIN
FUNCTION
ASSVJ SERIES
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
REVISED: 3.8.07
3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com