Electronic Components Datasheet Search
  English  ▼

X  

TDA5632 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5632
Description  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5632 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5632 Datasheet HTML 9Page - NXP Semiconductors TDA5632 Datasheet HTML 10Page - NXP Semiconductors TDA5632 Datasheet HTML 11Page - NXP Semiconductors TDA5632 Datasheet HTML 12Page - NXP Semiconductors TDA5632 Datasheet HTML 13Page - NXP Semiconductors TDA5632 Datasheet HTML 14Page - NXP Semiconductors TDA5632 Datasheet HTML 15Page - NXP Semiconductors TDA5632 Datasheet HTML 16Page - NXP Semiconductors TDA5632 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Aug 16
13
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
INTERNAL PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
AVERAGE DC VOLTAGE (V)(1)
TDA5632 TDA5633
BAND A
BAND C
AOSCIB
1
20
2.20
NR(2)
AOSCOC
3
18
3.90
NR(2)
GND
2
19
0
0
COSCIB1
4
17
NR(2)
2.35
COSCOC1
5
16
NR(2)
4.30
COSCOC2
6
15
NR(2)
4.30
COSCIB2
7
14
NR(2)
2.35
BS
8
13
0.0
5.0
n. c.
9
12
NR(2)
NR(2)
IFOUT
10
11
3.85
3.85
IFIN1
11
10
8.36
8.36
IFIN2
12
9
8.36
8.36
MBH340
3
(18)
1
(20)
MBH342
2
(19)
MBH341
5
(16)
6
(15)
4
(17)
7
(14)
8 (13)
MBH336
MBH337
10
(11)
11
(10)
12
(9)
MBH343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com