Electronic Components Datasheet Search
  English  ▼

X  

BSR11FE Datasheet(PDF) 4 Page - Bi technologies

Part # BSR11FE
Description  Thick Film 2512 Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BSR11FE Datasheet(HTML) 4 Page - Bi technologies

  BSR11FE Datasheet HTML 1Page - Bi technologies BSR11FE Datasheet HTML 2Page - Bi technologies BSR11FE Datasheet HTML 3Page - Bi technologies BSR11FE Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGING (Inch/mm)
;;;
;;;;
;
Upper-Surface
Covering Tape
.039
.991
Max.
Cavity For Resistor
+.004
-.000
+0.10
-0.00
.059
1.50
Dia.
.079
±.002
2.01
±0.05
.157
±.004
4.00
±0.10
.157
±.004
4.00
±0.10
A
Max.
.016
0.41
B
C
D
E
ORDERING INFORMATION
7" Reel Diameter - 4K Per Reel
Dim. A
.138
±.004
3.51
±0.10
Dim. B
.266
±.004
6.76
±0.10
Dim. C
.472
±.008
11.99
±0.20
Dim. D
.217
±.002
5.51
±0.05
Dim. E
.069
±.004
1.75
±0.10
.827
±.031
21.0
±0.79
Dia.
.512
±.020
13.0
±0.50
Dia.
.079
±.020
2.01
±0.50
.354
±.012
8.99
±0.30
Dia.
Label:
Includes Part Number,
Lot Number and Quantity
.449
±.039
11.4
±.991
+0.04
- 0.00
+1.00
- 0.00
2.36
59.9
Dia.
+0.00
- 0.12
+0.00
- 3.05
7.09
180.1
Model BSR Series
Power Rating
0.050 Ohms : R050
1 Ohm : 1R0
10 Ohms and above
Packaging:
First two digits are significant.
E = Embossed Tape
Third digit denotes number of trailing zeroes.
Tolerance Code:
G = ±2% Tol.
J = ±5% Tol.
K = ±10% Tol.
M = ±20% Tol.
Resistance Code:
Model Series
BSR
1
120
J
E
5-10
F = ±1% Tol.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com