Electronic Components Datasheet Search
  English  ▼

X  

ASCR Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCR
Description  HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCR Datasheet(HTML) 1 Page - Abracon Corporation

  ASCR Datasheet HTML 1Page - Abracon Corporation ASCR Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ASCR
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
|||||||||||||||
ELECTRICAL SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
TEST CIRCUIT and CONDITION:
APPLICATIONS:
FEATURES:
• Low resonant impedance
• Low Cost
• Built-in load capacitance
• Excellent environmental resistance
• Reflow capable
Size Varies
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.05.07
Visit www.abracon.com for Terms & Conditions of Sale
• Remote controls
• Microprocessor clocks
• Mobile phones, DVD, CD-Rom
• Electric appliances
Frequency
Package
Range
Style
ASCR XX.XX MGC
2.00 MHz - 8.00 MHz
7434
Operating Temp.: -20°C to +80°C
ASCR XX.XX MTS
7.00 MHz - 13.00 MHz
4741
Storage Temperature: -55°C to +85°C
ASCR XX.XX MTV
7.00 MHz - 13.00 MHz
3731
Frequency Tolerance: ± 0.5% max.
ASCR XX.XX MXS
13.01 MHz - 50.0 MHz
4741
Frequency Stability: ± 0.3% max
ASCR XX.XX MXV
13.01 MHz - 50.0 MHz
3731
Aging in 10 Years: ± 0.3% max.
ASCR XX.XX MSS
20.0 MHz - 50.0 MHz
2520
Requirement
Load Capacitors: C1=C2 (built-in)
4.00MHz±0.5%
22pF
30Ω max.
30pF
±0.3% max. (-20
oC to
+80
oC)
30pF
100VDC 5 sec. max.
30pF (up to 20M)
15pF (20.01M to 50M)
6 V.D.C. max
30pF (up to 20M)
15 Vp-p. max
15pF (20.01M to 50M)
100MΩ min. (at 10 VDC)
15pF (up to 25.9M)
-20
oC to +80oC
5pF (26M to 50M)
-55
oC to +85oC
±0.3% max. (10 years)
Parts shall be measured under a condition (Temp.: 20±15°C,
Humidity: 65±20% R.H.) unless the standard condition
(Temp: 25±3°C, Humidity: 65±5% R.H.) is regulated to measure
VDC: +5V
AWSCR - XX.XXMXX
-
Packaging
XX.XX: Frequency in MHz
PACKAGING OPTION:
T for Tape and Reel (3,000pcs/reel)
ASCR-MTV
Part Number
(XX.XX freq. in MHz)
Parameters
ASCR-MGC
ASCR-MTS
Storage Temperature
Aging Rate (Fosc)
Resonant Impedance (Ro)
Temperature Coefficient of
Oscillation Frequency
Withstanding Voltage
Rating Voltage
Insulation Resistance
Operation Temperature
ASCR-MXS
ASCR-MXV
ASCR-MSS
Oscillation Frequency
(Fosc)
Item
C1C2: see above Load Capacitance Table
IC: 1/6TC4069UBP2
X: Ceramic Resonator


Similar Part No. - ASCR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
340Kb / 2P
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
Rev. B 01/2003
ASCRMGC ABRACON-ASCRMGC Datasheet
340Kb / 2P
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
Rev. B 01/2003
ASCRMSS ABRACON-ASCRMSS Datasheet
340Kb / 2P
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
Rev. B 01/2003
ASCRMTS ABRACON-ASCRMTS Datasheet
340Kb / 2P
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
Rev. B 01/2003
ASCRMTV ABRACON-ASCRMTV Datasheet
340Kb / 2P
HIGH FREQUENCY, WITH OR WITHOUT BUILT-IN CAPACITORS SURFACE MOUNT CERAMIC RESONATORS
Rev. B 01/2003
More results

Similar Description - ASCR

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
MHz Band Ceramic Chip Resonators (SMD)
logo
Abracon Corporation
AWSZTMGS-T ABRACON-AWSZTMGS-T Datasheet
390Kb / 3P
HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
Rev. B 01/2003
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
MHz Band Ceramic Chip Resonators (SMD)
logo
Token Electronics Indus...
ZTACC5.00MGTR TOKEN-ZTACC5.00MGTR Datasheet
431Kb / 6P
ZTAC/ZTTC SMD MHZ Resonators
ZTT16.93MXP TOKEN-ZTT16.93MXP Datasheet
383Kb / 3P
ZTT MHZ Ceramic Resonators
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
SMD Ceramic Resonators
ZTTCE14.56MG LUGUANG-ZTTCE14.56MG Datasheet
478Kb / 9P
SMD Ceramic Resonators
logo
Murata Manufacturing Co...
CSTCE16M0V53 MURATA-CSTCE16M0V53 Datasheet
33Kb / 1P
CERALOCKr (MHz) Ceramic Resonators
logo
Kyocera Kinseki Corpota...
PBRV419MR50Y000 KSS-PBRV419MR50Y000 Datasheet
110Kb / 5P
MHz Band Ceramic Chip Resonators (SMD) PBRV/ PRQV Frequency Tight Tolerance Series
logo
PETERMANN-TECHNIK
ZTACC-MG PETERMANN-ZTACC-MG Datasheet
1Mb / 5P
SMD CERAMIC RESONATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com