Electronic Components Datasheet Search
  English  ▼

X  

F16004RW Datasheet(PDF) 1 Page - Alpha Wire

Part # F16004RW
Description  16 (65/34) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

F16004RW Datasheet(HTML) 1 Page - Alpha Wire

  F16004RW Datasheet HTML 1Page - Alpha Wire F16004RW Datasheet HTML 2Page - Alpha Wire F16004RW Datasheet HTML 3Page - Alpha Wire F16004RW Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. F16004RW
Construction
 
Diameters (In)
1) Component 1
4 X 1 COND
 
a) Conductor
16 (65/34) AWG Bare Copper
0.059
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall NYLON
0.101
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code
Alpha Wire Color Code RX
Cond Color
Cond
Color
Cond
Color
1
GREEN/YELLOW 3
RED#2
 
2
RED#1
4
RED#3
 
2) Cable Assembly
4 Components Cabled
 
a) Twists:
5.3 Twists/foot (min)
 
b) Orientation:
Components to be arranged from OUTSIDE LAYER to
INSIDE LAYER
 
c) Core Wrap
REMAY Tape, 25% Overlap, Min.
 
3) Jacket
0.050" Wall, Nom.,TPE
0.362+/- 0.019
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N F16004RW 4C 16 AWG (1.31mm2)
SERIES F (UL) TYPE TC-ER 90C WET/DRY 600V
OIL RES I/II -40C SUN RES OR TYPE PLTC 90C OR
C(UL) CIC CONTROL/TC 16 AWG -40C 90C WET 90C DRY
PVC/NYLON INS FT4 OR CRU AWM I/II A/B 90C 600V FT4
CE ROHS (DATE CODE) (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications


Similar Part No. - F16004RW

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
F16004KW ALPHAWIRE-F16004KW Datasheet
411Kb / 4P
16 (65/34) AWG Bare Copper
F16004LW ALPHAWIRE-F16004LW Datasheet
411Kb / 4P
16 (65/34) AWG Bare Copper 0.059 b) Insulation 0.016" Wall, Nom. PVC/ 0.005" Wall
More results

Similar Description - F16004RW

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1804 GENERAL-C1804 Datasheet
60Kb / 1P
2C 16 AWG (65/34) OFHC BC PP, PVC COMMAND SERIES
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1347101 ETC2-1347101 Datasheet
98Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1030A ETC2-1030A Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com